Electronic Components Datasheet Search
  English  ▼

X  

2N7002KA Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 2N7002KA
Description  N-channel TrenchMOS FET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2N7002KA Datasheet(HTML) 1 Page - NXP Semiconductors

  2N7002KA Datasheet HTML 1Page - NXP Semiconductors 2N7002KA Datasheet HTML 2Page - NXP Semiconductors 2N7002KA Datasheet HTML 3Page - NXP Semiconductors 2N7002KA Datasheet HTML 4Page - NXP Semiconductors 2N7002KA Datasheet HTML 5Page - NXP Semiconductors 2N7002KA Datasheet HTML 6Page - NXP Semiconductors 2N7002KA Datasheet HTML 7Page - NXP Semiconductors 2N7002KA Datasheet HTML 8Page - NXP Semiconductors 2N7002KA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using
TrenchMOS technology.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
2N7002KA
N-channel TrenchMOS FET
Rev. 03 — 25 February 2008
Product data sheet
I Logic level compatible
I Very fast switching
I Subminiature surface-mounted package I Gate-source ElectroStatic Discharge
(ESD) protection diodes
I Relay driver
I High-speed line driver
I VDS ≤ 60 V
I ID ≤ 320 mA
I RDSon ≤ 4.4 Ω
I Ptot ≤ 0.83 W
Table 1.
Pinning
Pin
Description
Simplified outline
Symbol
1
gate (G)
SOT23 (TO-236AB)
2
source (S)
3
drain (D)
12
3
G
D
S
003aac036


Similar Part No. - 2N7002KA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N7002KA KEC-2N7002KA Datasheet
378Kb / 3P
N Channel MOSFET
logo
Micro Commercial Compon...
2N7002KA MCC-2N7002KA Datasheet
641Kb / 4P
N-Channel MOSFET
logo
KEC(Korea Electronics)
2N7002KA KEC-2N7002KA Datasheet
51Kb / 3P
N Channel MOSFET ESD Protected 2000V
logo
Rectron Semiconductor
2N7002KA RECTRON-2N7002KA Datasheet
347Kb / 7P
N-Channel Enhancement Mode Power MOSFET
2021-10/74 REV:B
logo
KEC(Korea Electronics)
2N7002KA KEC-2N7002KA_15 Datasheet
364Kb / 3P
INTERFACE AND SWITCHING APPLICATION.
More results

Similar Description - 2N7002KA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9606-55B NXP-BUK9606-55B Datasheet
193Kb / 13P
N-channel TrenchMOS FET
Rev. 04-23 July 2009
BUK663R5-55C NXP-BUK663R5-55C Datasheet
138Kb / 11P
N-channel TrenchMOS FET
Rev. 01-3 August 2010
BUK6507-75C NXP-BUK6507-75C Datasheet
185Kb / 14P
N-channel TrenchMOS FET
Rev. 02-4 October 2010
BUK6215-75C PHILIPS-BUK6215-75C_15 Datasheet
227Kb / 14P
N-channel TrenchMOS FET
Rev. 02-4 October 2010
BUK6211-75C PHILIPS-BUK6211-75C_15 Datasheet
219Kb / 15P
N-channel TrenchMOS FET
Rev. 02-28 September 2010
BUK664R8-75C PHILIPS-BUK664R8-75C_15 Datasheet
402Kb / 14P
N-channel TrenchMOS FET
Rev. 2-17 November 2010
BUK663R7-75C PHILIPS-BUK663R7-75C_15 Datasheet
386Kb / 14P
N-channel TrenchMOS FET
Rev. 2-15 September 2010
BUK9606-55B PHILIPS-BUK9606-55B_15 Datasheet
193Kb / 13P
N-channel TrenchMOS FET
Rev. 04-23 July 2009
logo
Nexperia B.V. All right...
BUK6240-75C NEXPERIA-BUK6240-75C Datasheet
477Kb / 15P
N-channel TrenchMOS FET
BUK6510-75C NEXPERIA-BUK6510-75C Datasheet
336Kb / 17P
N-channel TrenchMOS FET
Rev. 02 - 13 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com