Electronic Components Datasheet Search
  English  ▼

X  

PA107DP Datasheet(PDF) 5 Page - Cirrus Logic

Part # PA107DP
Description  Power Operational Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA107DP Datasheet(HTML) 5 Page - Cirrus Logic

  PA107DP Datasheet HTML 1Page - Cirrus Logic PA107DP Datasheet HTML 2Page - Cirrus Logic PA107DP Datasheet HTML 3Page - Cirrus Logic PA107DP Datasheet HTML 4Page - Cirrus Logic PA107DP Datasheet HTML 5Page - Cirrus Logic PA107DP Datasheet HTML 6Page - Cirrus Logic PA107DP Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PA107DP
PA107DPU
5
P r o d u c t I n n o v a t i o n F r o m
®
PIN DESCRIPTIONS
Pin #
Pin name
Description
1
IN
Summing Junction Input for Inverting Operational Amplifier
2
+V
AUX
+10V to +18V Supply for Input Circuits
3
-V
AUX
-10V to -18V Supply for Input Circuits
4
GND
Ground
5
Open Pin
6
Open Pin
7
Open Pin
8
+V
S
+20V to +100V Supply for Gain and Gate Driver Circuits
9
-V
S
-20V to -100V Supply for Gain and Gate Driver Circuits
10
-V
SP
-20V to -100V Supply for Output Source Follower
11
OUT
High Power Output of Amplifier
12
+V
SP
+20V to +100V Supply for Output Source Follower
3. GENERAL
Please read Application Note 1 “General Operating Considerations” which covers stability, power supplies, heat
sinking, mounting, current limit, SOA interpretation, and specification interpretation. Visit www.cirrus.com for design
tools that help automate tasks such as calculations for stability, internal power dissipation, current limit, heat sink
selection, complete Application Notes library, Technical Seminar Workbook and Evaluation Kits.
CAUTION
In order to achieve the highest speed with limited space short circuit protection and thermal protection were sacri-
ficed. Do not short the output. Note that if current limiting at 1.5 A could be used, and the output was shorted, internal
dissipation would be 150 W. This would still destroy the amplifier, albeit more slowly.
4. INTERNAL POWER DISSIPATION AND HEATSINK SELECTION
With the unique combination of high voltage and speed of the PA107, traditional formulas for heatsink selection will
falsely lower the apparent power handling capability of this amplifier. To more accurately predict operating tempera-
tures use Power Design1 revision 10 or higher, or use the following procedure:
Find internal dissipation (PD) resulting from driving the load. Use Power Design or refer to Apex Applications Note
1, General Operating Considerations, paragraph 7. Find total quiescent power (PD
Q) by multiplying 0.035 A by VSS
(total supply voltage), plus 0.021 times the total V
AUX (+VAUX + |-VAUX|). Find output stage quiescent power (PDQOUT)
by multiplying 0.001 by V
SS.
Calculate a heatsink rating which will maintain the case at 85°C or lower.
Where:
T
C = maximum case temperature allowed
T
A = maximum ambient temperature encountered
Calculate a heatsink rating which will maintain output transistor junctions at 150°C or lower.
Where:
T
J = maximum junction temperature allowed.
R
ØJC = AC or DC thermal resistance from the specification table.
Use the larger heatsink of these two calculations.
Power Design is an Excel spreadsheet available free from www.cirrus.com
R
ØSA =
-0.1°C/W
T
C - TA
PD + PD
Q
R
ØSA =
-0.1°C/W
T
J - TA - (PD + PDQOUT) • RØJC
PD + PD
Q



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com