Electronic Components Datasheet Search
  English  ▼

X  

PA107DP Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA107DP
Description  Power Operational Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA107DP Datasheet(HTML) 4 Page - Cirrus Logic

  PA107DP Datasheet HTML 1Page - Cirrus Logic PA107DP Datasheet HTML 2Page - Cirrus Logic PA107DP Datasheet HTML 3Page - Cirrus Logic PA107DP Datasheet HTML 4Page - Cirrus Logic PA107DP Datasheet HTML 5Page - Cirrus Logic PA107DP Datasheet HTML 6Page - Cirrus Logic PA107DP Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PA107DP
4
PA107DPU
P r o d u c t I n n o v a t i o n F r o m
®
HIGH VOLTAGE SMALL SIGNAL RESPONSE
Frequency, (Hz)
±V
S = ±100V, ±VAUX = ±15V
-40
0
40
80
120
160
45
-180
-135
-90
-45
0
10 100 1K 10K 100K 1M 10M 100M
Phase
Amplitude
LOW VOLTAGE SMALL SIGNAL RESPONSE
-40
0
40
80
120
160
45
-180
-135
-90
-45
0
10 100 1K 10K 100K 1M 10M 100M
Frequency, (Hz)
±V
S = ±20V, ±VAUX = ±10V
Phase
Amplitude
Rail to Rail Supply Voltage, V
SS (V)
±V
AUX = ±15V
40
200
180
160
140
120
100
80
60
1.02
0.82
0.84
0.86
0.88
0.9
0.92
0.94
0.96
0.98
1
HIGH VOLTAGE SUPPLY CURRENT
RESPONSE to 500KHz SQUARE WAVE
Time, T (µs)
A = -22, ±V
S = ±100V, ±VAUX = ±15V
0
1.6
1.2
0.8
0.4
100
-100
-80
-60
-40
-20
0
20
40
60
80
2
Time, (ns)
A = -22, ±V
S = ±100V, ±VAUX = ±15V
100
-100
-60
-20
20
60
0.0n
20n
40n
60n
80n
100n
POSITIVE SLEW
Time, (ns)
A = -22, ±V
S = ±100V, ±VAUX = ±15V
100
-100
-60
-20
20
60
0.0n
20n
40n
60n
80n
100n
NEGATIVE SLEW
Case Temperature, T
C (°C)
0
150
125
100
75
50
25
0
10
20
30
40
50
60
70
80
90
DC Power
AC Power
POWER DERATING
Case Temperature, T
C (°C)
-40
80
60
40
20
0
-20
0.9
0.95
1
1.05
1.1
1.15
HIGH VOLTAGE CURRENT vs. TEMPERATURE
Output Frequency, F
OUT (KHz)
100
3100
2600
2100
1600
1100
600
0
50
100
150
200
250
300
350
±V
S = ±100V
±V
AUX = ±15V
10pF Load
V
O = 170VP-P Sinewave
HIGH VOLTAGE CURRENT vs. FREQUENCY
2. TYPICAL PERFORMANCE GRAPHS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com