Electronic Components Datasheet Search
  English  ▼

X  

PA107DP Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA107DP
Description  Power Operational Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA107DP Datasheet(HTML) 2 Page - Cirrus Logic

  PA107DP Datasheet HTML 1Page - Cirrus Logic PA107DP Datasheet HTML 2Page - Cirrus Logic PA107DP Datasheet HTML 3Page - Cirrus Logic PA107DP Datasheet HTML 4Page - Cirrus Logic PA107DP Datasheet HTML 5Page - Cirrus Logic PA107DP Datasheet HTML 6Page - Cirrus Logic PA107DP Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PA107DP
2
PA107DPU
P r o d u c t I n n o v a t i o n F r o m
®
Parameter
Symbol
Min
Max
Units
SUPPLY VOLTAGE, +V
S to −VS
40
200
V
SUPPLY VOLTAGE, −V
S
-20
-100
V
SUPPLY VOLTAGE, -V
AUX to +VAUX
20
36
V
SUPPLY VOLTAGE, -V
AUX
-10
-18
V
OUTPUT CURRENT, Steady State, (Within SOA)
1.5
A
OUTPUT CURRENT, peak, (Within SOA)
5
A
POWER DISSIPATION, internal, DC
62.5
W
INPUT VOLTAGE
-V
AUX + 2
+V
AUX - 2
V
TEMPERATURE, pin solder, 10s
260
°C
TEMPERATURE, junction
(Note 2)
150
°C
TEMPERATURE RANGE, storage
-40
+85
°C
OPERATING TEMPERATURE, case
-25
+85
°C
1. CHARACTERISTICS AND SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Parameter
Test Conditions
Min
Typ
Max
Units
V
S = 100V, -VS = -100V,
V
AUX = 15V, -VAUX = -15V
INPUT
OFFSET VOLTAGE
5
10
mV
OFFSET VOLTAGE vs. temperature
10
µV/°C
BIAS CURRENT, initial
(Note 3)
300
pA
INPUT RESISTANCE, DC
13
GΩ
INPUT CAPACITANCE
2
pF
INPUT VOLTAGE RANGE
-V
AUX + 2
+V
AUX - 2
V
NOISE, RTI
1k source, 500 kHz BW, A
CL 101
13
nV/√Hz
GAIN
OPEN LOOP GAIN @ DC
140
dB
OPEN LOOP GAIN @ 1MHz
40
dB
POWER BANDWIDTH, 170Vp-p
Full temperature range
2
MHz
OUTPUT
VOLTAGE SWING
10MΩ in parallel with 10 pf
187
V
P-P
VOLTAGE SWING
I
O = 1.5A
±V
S ±10
V
CURRENT, peak
±5
A
CURRENT, Steady State (within SOA)
±1.5
A
SLEW RATE, 25% to 75%
2500
3000
V/µS
SETTLING TIME to 0.1%
12
µS
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com