Electronic Components Datasheet Search
  English  ▼

X  

PA107DP Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA107DP
Description  Power Operational Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA107DP Datasheet(HTML) 1 Page - Cirrus Logic

  PA107DP Datasheet HTML 1Page - Cirrus Logic PA107DP Datasheet HTML 2Page - Cirrus Logic PA107DP Datasheet HTML 3Page - Cirrus Logic PA107DP Datasheet HTML 4Page - Cirrus Logic PA107DP Datasheet HTML 5Page - Cirrus Logic PA107DP Datasheet HTML 6Page - Cirrus Logic PA107DP Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PA107DP
PA107DPU
1
P r o d u c t I n n o v a t i o n F r o m
®
PA107DP
GENERAL DESCRIPTION
The PA107DP is a state of the art wideband high pow-
er operational amplifier designed to drive resistive, ca-
pacitive or inductive loads. For optimum linearity the
output stage is biased for class A/B operation. Feed
forward technology is used to obtain wide bandwidth
and excellent DC performance, but constricts use to
inverting mode only. External compensation allows the
user to obtain both high gain and wide bandwidth. Use
of a heatsink is required to realize the SOA.
This hybrid integrated circuit uses thick film resistors,
ceramic capacitors, and semiconductors to maximize
reliability, minimize size, and give top performance.
Ultrasonically bonded aluminum wires provide reliable
interconnections at all operating temperatures. The 12
pin SIP package occupies only 2 square inches. The
use of compressible insulation washers voids the war-
ranty.
FEATURES
♦ Power Bandwidth 170 V
P-P, 2 MHz
♦ Output Voltage up to 180 Vp-p
♦ High Slew Rate 2500 V/µs Minimum
with A
CL = 20
♦ High Gain Bandwidth Product 180 MHz
♦ High Output Current ±1.5 A Steady State
Within SOA
♦ High Peak Output Current ±5 A
APPLICATIONS
♦ Piezo Drive
♦ CRT Beam Intensity Control
♦ ATE Applications
♦ Line Driver
Power Operational Amplifiers
PA107DP
P r o d u c t I n n o v a t i o n F r o m
VEE
GND
4
+V
AUX
2
9
-V
AUX
3
+V
AUX
R3
D
S
G
Q1:2
C2
D1
Q13
R5
Q7
Q6
D5
Q5
Q10
D10
D8
D7
R18
R13
R8
R11
R7
R10
Q22
R17
Q18
Q20
Q17
10
OUT
11
+Vsp
12
IN
1
R2
D2
D3
D
S
G
Q1:1
D6
Q4
R4
D9
R12
Q21
Q16
Q19
R16
C1
+
-
U1
C3
Q3
Q2
R9
Q12
Q15
C5
R15
C4
Q8
Q14
+V
S
D4
R1
R19
Q9
R14
Q11
8
R6
+V
AUX
-V
AUX
-V
AUX
+V
AUX
+V
AUX
-V
AUX
+V
S
-V
S
-V
S
-V
SP
EQUIVALENT SCHEMATIC
Copyright © Cirrus Logic, Inc. 2010
(All Rights Reserved)
www.cirrus.com
APR 2010
APEX − PA107DPUREVD


Similar Part No. - PA107DP

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA107DP CIRRUS-PA107DP Datasheet
308Kb / 7P
Power Operational Amplifiers
More results

Similar Description - PA107DP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA61 CIRRUS-PA61 Datasheet
340Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com