Electronic Components Datasheet Search
  English  ▼

X  

PA107DP Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA107DP
Description  Power Operational Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA107DP Datasheet(HTML) 3 Page - Cirrus Logic

  PA107DP Datasheet HTML 1Page - Cirrus Logic PA107DP Datasheet HTML 2Page - Cirrus Logic PA107DP Datasheet HTML 3Page - Cirrus Logic PA107DP Datasheet HTML 4Page - Cirrus Logic PA107DP Datasheet HTML 5Page - Cirrus Logic PA107DP Datasheet HTML 6Page - Cirrus Logic PA107DP Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PA107DP
PA107DPU
3
P r o d u c t I n n o v a t i o n F r o m
®
NOTES:
1. All Min/Max characteristics and specifications are guaranteed over the Specified Operating Condi-
tions. Typical performance characteristics and specifications are derived from measurements taken
at typical supply voltages and T
C = 25°C.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate
power dissipation to achieve high MTTF.
3. Doubles for every 10ºC of case temperature increase.
4. +V
S and −VS denote the positive and negative supply voltages to the output stages.
5. +V
AUX and –VAUX denote the positive and negative supply voltages to the input stages.
6. Rating applies if the output current alternates between both output transistors at a rate faster than
60Hz.
Parameter
Test Conditions
Min
Typ
Max
Units
POWER SUPPLY
VOLTAGE, +V
S
20
100
V
VOLTAGE, -V
S
-100
-20
V
VOLTAGE, +V
AUX
10
15
18
V
VOLTAGE, -V
AUX
-18
-15
-10
V
CURRENT, QUIESCENT, +V
S
20
30
35
mA
CURRENT, QUIESCENT, -V
S
20
30
35
mA
CURRENT, QUIESCENT, -V
AUX
19
21
mA
CURRENT, QUIESCENT, +V
AUX
19
21
mA
THERMAL
RESISTANCE, AC, junction to case (Note 6)
1.5
°C/W
RESISTANCE, DC junction to case
2
°C/W
RESISTANCE, junction to air
30
°C/W
TEMPERATURE RANGE, case
-25
85
°C
1
2
3
4
5
6
7
8
9
10
11
12
C3
1uF
C4
1uF
+V
SP
C1-2 = 10uF/A out (peak), electrolytic/tantalum, low frequency bypass.
C3-4 = 1uF 25V X7R ceramic capacitor recomended.
C5-6 = 1uF 200V X7R ceramic capacitor recomended.
+
C5
1uF
C6
1uF
C1
C2
+
IN
-V
S
-V
SP
OUT
+V
S
OPEN
OPEN
OPEN
GND
-V
AUX
+V
AUX
EXTERNAL CONNECTIONS
12-pin SIP
Package Style DP
Formed leads available
See Package Style EE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com