Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 4 Page - Texas Instruments

  DRV401AMDWPREP Datasheet HTML 1Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 2Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 3Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 4Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 5Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 6Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 7Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 8Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
DRV401-EP
SBVS104B – JANUARY 2008 – REVISED MARCH 2009 .................................................................................................................................................. www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Boldface limits apply over the specified temperature range: TJ = –55°C to +125°C.
At TA = +25°C and VDD1 = VDD2 = +5 V with external 100 kHz filter BW, and zero output current ICOMP, unless otherwise noted.
DRV401
PARAMETER
CONDITIONS
UNITS
MIN
TYP
MAX
FREQUENCY RESPONSE
BW–3dB
Bandwidth(5)
2
MHz
SR
Slew rate(5)
CMVR = –1 V to = +4 V
6.5
V/
µs
dV ± 2 V to 1%,
Settling time, large-signal(5)
0.9
µs
No external filter
Settling time(5)
dV ± 0.4 V to 0.01%
14
µs
INPUT RESISTANCE
Differential
16.5
20
23.5
k
Ω
Common-mode
41
50
59
k
Ω
External reference input
41
50
59
k
Ω
NOISE
Output voltage noise density, f = 1 kHz,
en
Compensation loop disabled
170
nV/
√Hz
RTO(5)
COMPENSATION LOOP
Probe f = 250 kHz,
DC STABILITY
RLOAD = 20 Ω
Deviation from 50% PWM,
Offset error(6)
0.03
%
Pin gain = L
Deviation from 50% PWM,
Offset error drift(5)
7.5
ppm/°C
Pin gain = L
Gain, pin gain = L(5)
|VICOMP1| – |VICOMP2|
–200
25
200
ppm/V
PSRR
Power-supply rejection ratio
Probe loop f = 250 kHz
500
ppm/V
FREQUENCY RESPONSE
Open-loop gain, two modes, 7.8 kHz
Pin gain H/L
24/32
dB
PROBE COIL LOOP
Input voltage clamp range
Field probe current < 50 mA
–0.7
–0.7 to VDD
V
Internal resistor, IS1 or IS2 to VDD1
(5)
47
59
71
Ω
RHIGH
Internal resistor, IS1 or IS2 to GND1(5)
60
75
90
Ω
Resistance mismatch between IS1 and
RLOW
ppm of RHIGH + RLOW
300
1500
ppm
IS2(5)
Total input resistance(7)
134
200
Ω
Comparator threshold current(7)
22
28
34
mA
Minimum probe loop half-cycle(5)
250
280
310
ns
Probe loop minimum frequency
250
kHz
No oscillation detect (error) suppression
35
µs
COMPENSATION COIL DRIVER, H-BRIDGE
Peak current(5)
VICOMP1 – VICOMP2 = 4.0VPP
250
mA
Voltage swing
20
Ω load
4.2
VPP
Output common-mode voltage
VDD2/2
V
Wire break detect, threshold current(8)
ICOMP1 and ICOMP2 railed
33
57
mA
VOLTAGE REFERENCE
Voltage(5)
No load
2.495
2.5
2.505
V
Drift(5)
No load
±5
ppm/°C
(5)
See Typical Characteristics curves.
(6)
For VAC sensors, 0.2% of PWM offset approximately corresponds to 10 mA primary current offset per winding.
(7)
Total input resistance and comparator threshold current are inversely related. See Figure 2a.
(8)
See Compensation Driver section in Applications Information.
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com