Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 17 Page - Texas Instruments

Back Button DRV401AMDWPREP Datasheet HTML 13Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 14Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 15Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 16Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 17Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 18Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 19Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 20Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
COMPENSATION DRIVER
R
MAX
+
V
OUT
65mA
EXTERNAL COMPENSATION COIL DRIVER
DRV401-EP
www.ti.com .................................................................................................................................................. SBVS104B – JANUARY 2008 – REVISED MARCH 2009
The compensation coil driver provides the driving current for the compensation coil. A fully differential driver
stage offers high signal voltages to overcome the wire resistance of the coil with only +5 V supply. The
compensation coil is connected between ICOMP1 and ICOMP2, both generating an analog voltage across the coil
(see Figure 3) that turns into current from the wire resistance (and eventually from the inductance). The
compensation current represents the primary current transformed by the turns ratio. A shunt resistor is connected
in this loop and the high-precision difference amplifier translates the voltage from this shunt to an output voltage.
Both compensation driver outputs provide low impedance over a wide frequency range to ensure smooth
transitions between the closed-loop compensation frequency range and the high-frequency range, where the
primary winding directly couples the primary current into the compensation coil at a rate set by the winding ratio.
The two compensation driver outputs are designed with protection circuitry to handle inductive energy. However,
additional external protection diodes might be necessary for high current sensors.
For reliable operation, a wire break in the compensation circuit can be detected. If the feedback loop is broken,
the integrating filter drives the outputs ICOMP1 and ICOMP2 to the opposite rails. With one of these pins coming
within 300 mV to ground, a comparator tests for a minimum current flowing between ICOMP1 and ICOMP2. If this
current stays below the threshold current level for at least 100
µs, the ERROR pin is asserted active (low). The
threshold current level for this test is less than 57 mA at 25°C and 65 mA at –40°C, if the ICOMP pins are fully
railed (see the Typical Characteristics). For sensors with high winding resistance (compensation coil resistance +
RSHUNT) or connected to an external compensation driver, this function should be disabled by pulling the CCdiag
pin low.
Where:
VOUT equals the peak voltage between ICOMP1 and ICOMP2 at a 65mA drive current.
RMAX equals the sum of the coil and the shunt resistance.
An external driver for the compensation coil can be connected to the ICOMP1 and ICOMP2 outputs. To prevent a
wire break indication, CCdiag has to be asserted low.
An external driver can provide both a higher drive voltage and more drive current. It also moves the power
dissipation to the external transistors, thereby allowing a higher winding resistance in the compensation coil and
more current. Figure 4 shows a block diagram of an external compensation coil driver. To drive the buffer, either
one or both ICOMP outputs can be used. Note, however, that the additional voltage gain could cause instability of
the loop. Therefore, the internal gain can be reduced by approximately 8 dB by asserting the GAIN pin high.
RSHUNT is connected to GND to allow for a single-ended external compensation driver. The differential amplifier
can continue to sense the voltage, and used for the gain and over-range comparator or ERROR flag.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com