Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 25 Page - Texas Instruments

Back Button DRV401AMDWPREP Datasheet HTML 21Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 22Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 23Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 24Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 25Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 26Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 27Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 28Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
LAYOUT CONSIDERATIONS
DRV401-EP
www.ti.com .................................................................................................................................................. SBVS104B – JANUARY 2008 – REVISED MARCH 2009
The connection example in Figure 8 illustrates the few external components required for optimal performance.
Each component is described in the following list:
• I
P is the primary current to be measured; K1 and K2 connect to the compensation coil. S1 and S2 connect to
the magnetic field probe. The dots indicate the winding direction on the sensor main core.
• R
1 and R2 form the shunt resistor RSHUNT. This resistance is split into two to allow for adjustments to the
required RSHUNT value. The accuracy and temperature stability of these resistors are part of the final system
performance.
• R
3 and R4, together with C3 and C4, form a network that reduces the remaining probe oscillator ripple in the
output signal. The component values depend on the sensor type and are tailored for best results. This
network is not required for normal operation.
• R
5 is the dummy shunt (RD) resistor used to restore the symmetry of both differential amplifier inputs. R5 = 4
× RSHUNT, but the accuracy is less important.
• R
6 and R7 are pull-up resistors connected to the logic outputs.
• C
1 and C2 are decoupling capacitors. Use low ESR-type capacitors connected close to the pins. Use low
impedance printed circuit board (PCB) traces, either avoiding vias (plated-through holes) or using multiple
vias. A combination of a large(> 1
µF) and a small (< 4.7 nF) capacitor are suggested. When selecting
capacitors, make sure to consider the large pulse currents handled from the DRV401.
• D
1 and D2 are protection diodes for the differential amplifier input. They are needed only if the voltage drop at
RSHUNT exceeds 10 V at the maximum possible peak current.
The DRV401 operates with relatively large currents and fast current pulses, and offers wide-bandwidth
performance. It is often exposed to large distortion energy from both the primary signal and the operating
environment. Therefore, the wiring layout must provide shielding and low-impedance connections between critical
points.
Use low ESR capacitors for power-supply decoupling. Use a combination of a small capacitor and a large
capacitor of 1
µF or larger. Use low-impedance tracks to connect the capacitors to the pins.
Both grounds should be connected to a local ground plane. Both supplies can be connected together; however,
best results are achieved with separate decoupling (to the local GND plane) and ferrite beads in series with the
main supply. The ferrite beads decouple the DRV401, reducing interaction with other circuits powered from the
same supply voltage source.
The reference output is referred to GND2. A low-impedance, star-type connection is required to avoid the driver
current and the probe current modulating the voltage drop on the ground track.
The connection wires of the difference amplifier to the shunt must be low resistance and of equal length. For best
accuracy, avoid current in this connection. Consider using a Kelvin Contact-type connection. The required
resistance value can be set using two resistors.
Wires and PCB traces for S1 and S2 should be very close or twisted. ICOMP1 and ICOMP2 should also be wired
close together. To avoid capacitive coupling, run a ground shield between the S1/S2 and ICOMP wire pair or
keep them distant from each other.
The compensation driver outputs (ICOMP) are low frequency only; however, the primary signal (with
high-frequency content present) is coupled into the compensation winding, the shunt, and the difference
amplifier. Therefore, careful layout is recommended.
The output of REFOUT and VOUT can drive some capacitive loads, but avoid large direct capacitive loads; these
loads increase internal pulse currents. Given the wide bandwidth of the differential amplifier, isolate any large
capacitive load with a small series resistor. A small capacitor in the pF range can improve the transient response
on a high resistive load.
The exposed thermal pad on the bottom of the package must be soldered to GND because it is internally
connected to the substrate, which must be connected to the most negative potential. It is also necessary to
solder the exposed pad to the PCB to provide structural integrity and long-term reliability.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com