Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 18 Page - Texas Instruments

Back Button DRV401AMDWPREP Datasheet HTML 14Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 15Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 16Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 17Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 18Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 19Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 20Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 21Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
DRV401
External
Buffer
V+
V
−
Compensation
Coil
R
SHUNT
I
COMP1
I
COMP2
SHUNT SENSE AMPLIFIER
4 +
R
2
R
1
+
R
4
) R5
R
SHUNT
) R3
DRV401-EP
SBVS104B – JANUARY 2008 – REVISED MARCH 2009 .................................................................................................................................................. www.ti.com
Figure 4. DRV401 With External Compensation Coil Driver and RSHUNT Connected to GND
The differential (H-bridge) driver arrangement for the compensation coil requires a differential sense amplifier for
the shunt voltage. This differential amplifier offers wide bandwidth and a high slew rate for fast current sensors.
Excellent dc stability and accuracy result from an auto-zero technique. The voltage gain is 4 V/V, set by precisely
matched and stable internal SiCr resistors.
Both inputs of the differential amplifier are normally connected to the current shunt resistor. This resistor adds to
the internal (10 k
Ω) resistor, slightly reducing the gain in this leg. For best common-mode rejection (CMR), a
dummy shunt resistor (R5) is placed in series with the REFIN pin to restore matching of both resistor dividers, as
shown in Figure 5a.
For gains of 4 V/V:
With R2/R1 = R4/R3 = 4; R5 = RSHUNT × 4
Typically, the gain error resulting from the resistance of RSHUNT is negligible; for 70 dB of common-mode
rejection, however, the match of both divider ratios needs to be better than 1/3000.
The amplifier output can drive close to the supply rails, and is designed to drive the input of a SAR-type ADC;
adding an RC low-pass filter stage between the DRV401 and the ADC is recommended. This filter not only limits
the signal bandwidth but also decouples the high-frequency component of the converter input sampling noise
from the amplifier output. For RF and CF values, refer to the specific converter recommendations in the specific
product data sheet. Empirical evaluation may be necessary to obtain optimum results.
The output can drive 100 pF directly and shows 50% overshoot with approximately 1 nF capacitance. Adding RF
allows much larger capacitive loads, as shown in Figure 5b and Figure 5c. Note that with RF of only 20 Ω, the
load capacitor should be either smaller than 1 nF or larger than 33 nF to avoid overshoot; with RF of 50 Ω this
transient area is avoided.
The reference input (REFIN) is the reference node for the exact output signal (VOUT). Connecting REFIN to the
reference output (REFOUT) results in a live zero reference voltage of 2.5 V. Using the same reference for REFIN
and the ADC avoids mismatch errors that exist between two reference sources.
18
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com