Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV401AMDWPREP Datasheet HTML 17Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 18Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 19Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 20Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 21Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 22Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 23Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 24Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
POWER-ON AND BROWNOUT
DRV401-EP
www.ti.com .................................................................................................................................................. SBVS104B – JANUARY 2008 – REVISED MARCH 2009
Power-on is detected with the supply voltage going higher than 4 V at VDD1. When DEMAG is high, a degauss
cycle is started (see Figure 7a). During this time the ERROR flag remains low, indicating the not ready condition.
Maintaining DEMAG low prevents this cycle, and the DRV401 starts operation approximately 32
µs after
power-up. If no probe error conditions are detected within four full cycles (that is, the probe half-periods are
shorter than 32
µs and longer than 280 ns), the compensation driver starts and the ERROR pin indicates the
ready condition by going high, typically about 42
µs after power-up.
NOTE:
An external pull-up resistor is required to pull the ERROR pin high.
Both supply pins (VDD1 and VDD2) should not differ by more than 100 mV for proper device operation. They are
normally connected together or separately filtered (see Layout Considerations).
The DRV401 tests for low supply voltage with a brown-out voltage level of +4 V; proper power conditions must
be supplied. Good power-supply and low ESR bypass capacitors are required to maintain the supply voltage
during the large current pulses that the DRV401 can drive.
A critical voltage level is derived from the proper operation of the probe driver. The probe interface relies on a
peak current flowing through the probe to trip the comparator. The probe resistance plus the internal resistance
of the driver (see Electrical Characteristics specification, Probe Coil Loop, Internal Resistor) sets the lower limit
for the acceptable supply voltage. Voltage drops lasting less than 31 ms are ignored. The probe error detection
activates the ERROR pin as soon as proper oscillation fails for more than 32
µs.
A low supply voltage condition, or brown-out, is detected at +4 V. Short and light voltage drops of less than
100
µs are ignored, provided the probe circuit continues to operate. If the probe no longer operates, the ERROR
pin goes active. Signal overload recovery is only provided if the probe loop was not discontinued.
A supply drop lasting longer than 100
µs generates power-on reset. A voltage dip down to +1.8 V (for V
DD1) also
initiates a power-on reset.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com