| Electronic Components Datasheet Search |
|
TLC5916IPWR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC5916IPWR Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 30 page ![]() www.ti.com Absolute Maximum Ratings Power Dissipation and Thermal Impedance TLC5916, TLC5917 8-BIT CONSTANT-CURRENT LED SINK DRIVERS SLVS695A – JUNE 2007 – REVISED MARCH 2008 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VDD Supply voltage range 0 7 V VI Input voltage range –0.4 VDD + 0.4 V VO Output voltage range –0.5 20 V fclk Clock frequency 25 MHz IOUT Output current 120 mA IGND GND terminal current 960 mA TA Operating free-air temperature range –40 125 °C TJ Operating junction temperature range –40 150 °C Tstg Storage temperature range –55 150 °C ESD Electrostatic discharge capability, V(HBMESD) 100 pF, 1.5 k Ω 1.5 kV MIN MAX UNIT D package 1.5 Mounted on JEDEC 4-layer board (JESD 51-7), PD Power dissipation N package 1 W No airflow, TA = 25°C, TJ = 125°C PW package 0.9 D package 103 Mounted on JEDEC 1-layer board (JESD 51-3), N package 148 No airflow PW package 176 Thermal impedance, θ JA °C/W junction to free air D package 66 Mounted on JEDEC 4-layer board (JESD 51-7), N package 97 No airflow PW package 112 6 Submit Documentation Feedback Copyright © 2007–2008, Texas Instruments Incorporated Product Folder Link(s): TLC5916 TLC5917 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |