Electronic Components Datasheet Search
  English  ▼

X  

TLC5916IPWR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5916IPWR
Description  8-BIT CONSTANT-CURRENT LED SINK DRIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5916IPWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC5916IPWR Datasheet HTML 15Page - Texas Instruments TLC5916IPWR Datasheet HTML 16Page - Texas Instruments TLC5916IPWR Datasheet HTML 17Page - Texas Instruments TLC5916IPWR Datasheet HTML 18Page - Texas Instruments TLC5916IPWR Datasheet HTML 19Page - Texas Instruments TLC5916IPWR Datasheet HTML 20Page - Texas Instruments TLC5916IPWR Datasheet HTML 21Page - Texas Instruments TLC5916IPWR Datasheet HTML 22Page - Texas Instruments TLC5916IPWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
www.ti.com
1
2
3
1
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
1
1
1
0
CLK
OE(ED2)
LE(ED1)
SDO
Data source of
shift register
Error Detection
SDI
SDI
Error Status Code
Bit 7
Bit 6
Bit 5
Bit 4
>2 µs
1
2
3
0
4
5
6
7
1
0
CLK
OE(ED2)
LE(ED1)
SDI
8-Bit Configuration Code
Bit 7 Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TLC5916, TLC5917
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
SLVS695A – JUNE 2007 – REVISED MARCH 2008
Reading Error Status Code in Special Mode
When OE(ED2) is pulled low while in Special Mode, error detection and load error status codes are loaded into
the Shift Register, in addition to enabling output ports to sink current. Figure 16 shows the timing sequence for
error detection. The 0 and 1 signal levels are sampled at the rising edge of each CLK. At least three zeros must
be sampled at the voltage low signal OE(ED2). Immediately after the second zero is sampled, the data input
source of the Shift Register changes to the 8-bit parallel Error Status Code register, instead of from the serial
data on SDI. Normally, the error status codes are generated at least 2
µs after the falling edge of OE(ED2). The
occurrence of the third or later zero saves the detected error status codes into the Shift Register. Therefore,
when OE(ED2) is low, the serial data cannot be shifted into TLC5916/TLC5917 via SDI. When OE(ED2) is pulled
high, the data input source of the Shift Register is changed back to SDI. At the same time, the output ports are
disabled and the error detection is completed. Then, the error status codes saved in the Shift Register can be
shifted out via SDO bit by bit along with CLK, as well as the new serial data can be shifted into
TLC5916/TLC5917 via SDI.
While in Special Mode, the TLC5916/TLC5917 cannot simultaneously transfer serial data and detect LED load
error status.
Figure 16. Reading Error Status Code
Writing Configuration Code in Special Mode
When in Special Mode, the active high signal LE(ED1) latches the serial data in the Shift Register to the
Configuration Latch, instead of the Output Latch. The latched serial data is used as the Configuration Code.
The code is stored until power off or the Configuration Latch is rewritten. As shown in Figure 17, the timing for
writing the Configuration Code is the same as the timing in the Normal Mode to latching output channel data.
Both the Configuration Code and Error Status Code are transferred in the common 8-bit Shift Register. Users
must pay attention to the sequence of error detection and current adjustment to avoid the Configuration Code
being overwritten by Error Status Code.
Figure 17. Writing Configuration Code
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TLC5916 TLC5917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com