Electronic Components Datasheet Search
  English  ▼

X  

TLC5916IPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5916IPWR
Description  8-BIT CONSTANT-CURRENT LED SINK DRIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5916IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5916IPWR Datasheet HTML 3Page - Texas Instruments TLC5916IPWR Datasheet HTML 4Page - Texas Instruments TLC5916IPWR Datasheet HTML 5Page - Texas Instruments TLC5916IPWR Datasheet HTML 6Page - Texas Instruments TLC5916IPWR Datasheet HTML 7Page - Texas Instruments TLC5916IPWR Datasheet HTML 8Page - Texas Instruments TLC5916IPWR Datasheet HTML 9Page - Texas Instruments TLC5916IPWR Datasheet HTML 10Page - Texas Instruments TLC5916IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
Recommended Operating Conditions
Recommended Timing
TLC5916, TLC5917
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
SLVS695A – JUNE 2007 – REVISED MARCH 2008
CONDITIONS
MIN
MAX
UNIT
VDD
Supply voltage
3
5.5
V
VO
Supply voltage to output pins
OUT0–OUT7
17
V
VO ≥ 0.6 V
5
IO
Output current
DC test circuit
mA
VO ≥ 1 V
120
IOH
High-level output current source
SDO shorted to GND
–1
mA
IOL
Low-level output current sink
SDO shorted to VCC
1
mA
VIH
High-level input voltage
CLK, OE(ED2), LE(ED1), and SDI
0.7
× V
DD
VDD
V
VIL
Low-level input voltage
CLK, OE(ED2), LE(ED1), and SDI
0
0.3
× V
DD
V
VDD = 3 V to 5.5 V (unless otherwise noted)
CONDITIONS
MIN
MAX
UNIT
tw(L)
LE(ED1) pulse duration
Normal Mode
20
ns
tw(CLK)
CLK pulse duration
Normal Mode
20
ns
Normal Mode, IOUT < 60 mA
500
tw(OE)
OE(ED2) pulse duration
ns
Normal Mode, IOUT > 60 mA
700
tsu(D)
Setup time for SDI
Normal Mode
3
ns
th(D)
Hold time for SDI
Normal Mode
2
ns
tsu(L)
Setup time for LE(ED1)
Normal Mode
15
ns
th(L)
Hold time for LE(ED1)
Normal Mode
15
ns
tw(CLK)
CLK pulse duration
Error Detection Mode
20
ns
tw(ED2)
OE(ED2) pulse duration
Error Detection Mode
2000
ns
tsu(ED1)
Setup time for LE(ED1)
Error Detection Mode
4
ns
th(ED1)
Hold time for LE(ED1)
Error Detection Mode
10
ns
tsu(ED2)
Setup time for OE(ED2)
Error Detection Mode
6
ns
th(ED2)
Hold time for OE(ED2)
Error Detection Mode
10
ns
fCLK
Clock frequency
Cascade operation
30
MHz
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLC5916 TLC5917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com