Electronic Components Datasheet Search
  English  ▼

X  

TLC5916IPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5916IPWR
Description  8-BIT CONSTANT-CURRENT LED SINK DRIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5916IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC5916IPWR Datasheet HTML 9Page - Texas Instruments TLC5916IPWR Datasheet HTML 10Page - Texas Instruments TLC5916IPWR Datasheet HTML 11Page - Texas Instruments TLC5916IPWR Datasheet HTML 12Page - Texas Instruments TLC5916IPWR Datasheet HTML 13Page - Texas Instruments TLC5916IPWR Datasheet HTML 14Page - Texas Instruments TLC5916IPWR Datasheet HTML 15Page - Texas Instruments TLC5916IPWR Datasheet HTML 16Page - Texas Instruments TLC5916IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
www.ti.com
50%
LOW
Out
f
put of
Outp t on
u
t
, t
PLH1
PHL1
t
, t
LH2
H 2
P
L
P
CLK
SDI
SDO
LE(ED1)
OE(ED2)
OUTn
t
, t
PLH4
PHL4
t
w(CLK)
50%
50%
50%
50%
50%
50%
50%
50%
t
su(L)
t
h(L)
t
w(L)
t
su(D)
t
h(D)
50%
t
w(OE)
t
PHL3
t
of
t
or
Output off
t
PLH3
50%
20%
80%
OE(ED2)
OUTn
50%
80%
50%
20%
HIGH
TLC5916, TLC5917
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
SLVS695A – JUNE 2007 – REVISED MARCH 2008
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 8. Normal Mode Timing Waveforms
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLC5916 TLC5917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com