Electronic Components Datasheet Search
  English  ▼

X  

TLC5916IPWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5916IPWR
Description  8-BIT CONSTANT-CURRENT LED SINK DRIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5916IPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5916IPWR Datasheet HTML 4Page - Texas Instruments TLC5916IPWR Datasheet HTML 5Page - Texas Instruments TLC5916IPWR Datasheet HTML 6Page - Texas Instruments TLC5916IPWR Datasheet HTML 7Page - Texas Instruments TLC5916IPWR Datasheet HTML 8Page - Texas Instruments TLC5916IPWR Datasheet HTML 9Page - Texas Instruments TLC5916IPWR Datasheet HTML 10Page - Texas Instruments TLC5916IPWR Datasheet HTML 11Page - Texas Instruments TLC5916IPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
www.ti.com
Electrical Characteristics
TLC5916, TLC5917
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
SLVS695A – JUNE 2007 – REVISED MARCH 2008
VDD = 3 V, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VDD
Input voltage
3
5.5
V
VO
Supply voltage to the output pins
17
V
VO ≥ 0.6 V
5
IO
Output current
mA
VO ≥ 1 V
120
IOH
High-level output current, source
–1
mA
IOL
Low-level output current, sink
1
mA
VIH
High-level input voltage
0.7
× V
DD
VDD
V
VIL
Low-level input voltage
GND
0.3
× V
DD
V
TJ = 25°C
0.5
Ileak
Output leakage current
VOH = 17 V
µA
TJ = 125°C
2
VOH
High-level output voltage
SDO, IOL = –1 mA
VDD – 0.4
V
VOL
Low-level output voltage
SDO, IOH = 1 mA
0.4
V
VOUT = 0.6 V, Rext = 720 Ω,
Output current 1
26
mA
CG = 0.992
IOL = 26 mA, VO = 0.6 V, Rext = 720 Ω,
IO(1)
Output current error, die-die
±3
±6
%
TJ = 25°C
Output current skew,
IOL = 26 mA, VO = 0.6 V, Rext = 720 Ω,
±1.5
±3
%
channel-to-channel
TJ = 25°C
Output current 2
VO = 0.8 V, Rext = 360 Ω, CG = 0.992
52
mA
IOL = 52 mA, VO = 0.8 V, Rext = 360 Ω,
Output current error, die-die
±2
±6
%
IO(2)
TJ = 25°C
Output current skew,
IOL = 52 mA, VO = 0.8 V, Rext = 360 Ω,
±1.5
±3
%
channel-to-channel
TJ = 25°C
VO = 1 V to 3 V, IO = 26 mA
±0.1
IOUT vs
Output current vs
%/V
VDD = 3.0 V to 5.5 V,
VOUT
output voltage regulation
±1
IO = 26 mA/120 mA
Pullup resistance
OE(ED2)
500
k
Ω
Pulldown resistance
LE(ED1)
500
k
Ω
Tsd
Overtemperature shutdown(2)
150
175
200
°C
Thys
Restart temperature hysteresis
15
°C
Threshold current for open error
IOUT,Th1
IOUT,target = 26 mA
0.5
× I
target
%
detection
Threshold current for open error
IOUT,Th2
IOUT,target = 52 mA
0.5
× I
target
%
detection
Threshold current for open error
IOUT,Th3
IOUT,target = 104 mA
0.5
× I
target
%
detection
Threshold current for open error
IOUT,Th
IOUT,target = 5 mA to 120 mA
0.5
× I
target
%
detection
Trigger threshold voltage for
VOUT,TTh
short-error detection
IOUT,target = 5 mA to 120 mA
2.5
2.7
3.1
V
(TLC5917 only)
Return threshold voltage for
VOUT,RTh
short-error detection
IOUT,target = 5 mA to 120 mA
2.2
V
(TLC5917 only)
Rext = Open
5
10
Rext = 720 Ω
8
14
IDD
Supply current
mA
Rext = 360 Ω
11
18
Rext = 180 Ω
16
22
(1)
Typical values represent the likely parametric nominal values determined at the time of characterization. Typical values depend on the
application and configuration and may vary over time. Typical values are not ensured on production material.
(2)
Specified by design.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5916 TLC5917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com