Electronic Components Datasheet Search
  English  ▼

X  

BLF888 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF888
Description  UHF power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF888 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF888 Datasheet HTML 1Page - NXP Semiconductors BLF888 Datasheet HTML 2Page - NXP Semiconductors BLF888 Datasheet HTML 3Page - NXP Semiconductors BLF888 Datasheet HTML 4Page - NXP Semiconductors BLF888 Datasheet HTML 5Page - NXP Semiconductors BLF888 Datasheet HTML 6Page - NXP Semiconductors BLF888 Datasheet HTML 7Page - NXP Semiconductors BLF888 Datasheet HTML 8Page - NXP Semiconductors BLF888 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
BLF888_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 29 April 2010
4 of 17
NXP Semiconductors
BLF888
UHF power LDMOS transistor
[1]
Measured [dBc] with delta marker at 4.3 MHz from center frequency.
[2]
PAR (of output signal) at 0.01 % probability on CCDF; PAR of input signal = 9.5 dB at 0.01 % probability on CCDF.
6.1 Ruggedness in class-AB operation
The BLF888 is capable of withstanding a load mismatch corresponding to VSWR = 10 : 1
through all phases under the following conditions: VDS = 50 V; f = 860 MHz at rated
power. Ruggedness is measured in the application circuit as described in Section 8.
D
drain efficiency
28
31
-
%
IMDshldr
intermodulation distortion shoulder
[1] -
31
28
dBc
PAR
peak-to-average ratio
[2] -8.3
-dB
Table 7.
RF characteristics …continued
Th =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VGS = 0 V; f = 1 MHz.
Fig 1.
Output capacitance as a function of drain-source voltage; typical values per
section; capacitance value without internal matching
001aaj274
VDS (V)
060
40
20
150
100
200
250
Coss
(pF)
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com