Electronic Components Datasheet Search
  English  ▼

X  

BLF888 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BLF888
Description  UHF power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF888 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BLF888 Datasheet HTML 9Page - NXP Semiconductors BLF888 Datasheet HTML 10Page - NXP Semiconductors BLF888 Datasheet HTML 11Page - NXP Semiconductors BLF888 Datasheet HTML 12Page - NXP Semiconductors BLF888 Datasheet HTML 13Page - NXP Semiconductors BLF888 Datasheet HTML 14Page - NXP Semiconductors BLF888 Datasheet HTML 15Page - NXP Semiconductors BLF888 Datasheet HTML 16Page - NXP Semiconductors BLF888 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
BLF888_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 29 April 2010
13 of 17
NXP Semiconductors
BLF888
UHF power LDMOS transistor
9.
Package outline
Fig 15. Package outline SOT979A
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT979A
sot979a_po
Flanged LDMOST ceramic package; 2 mounting holes; 4 leads
SOT979A
E1
E
c
Q
B
C
A
e
q
L
b
U2
H1
U1
H
p
w1
A
B
w3
w2
C
A
D1
D
F
Unit(1)
mm
max
nom
min
5.77
4.80
11.81
11.56
31.55
30.94
31.37
31.12
10.29
10.03
10.29
10.03
1.969
1.689
17.50
17.25
3.86
3.35
41.28
41.02
10.29
10.03
A
Dimensions
bc
0.15
0.10
DD1
EE1
0.51
w2
e
13.72
FH
H1
25.53
25.27
Lp
3.30
3.05
Q
3.02
2.77
q
35.56
U1
U2
0.25
inches
max
nom
min
0.227
0.189
0.465
0.455
1.242
1.218
1.235
1.225
0.405
0.395
0.405
0.395
0.078
0.067
0.689
0.679
0.152
0.132
1.625
1.615
0.405
0.395
0.006
0.004
0.020
0.25
w3
0.010
0.540
1.005
0.995
0.130
0.120
0.119
0.109
1.400
0.010
w1
0
5
10 mm
scale
Note
1. millimeter dimensions are derived from the original inch dimensions.
12
34
5
08-04-24
08-09-04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com