Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 33 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 29Page - Texas Instruments CDCE62005 Datasheet HTML 30Page - Texas Instruments CDCE62005 Datasheet HTML 31Page - Texas Instruments CDCE62005 Datasheet HTML 32Page - Texas Instruments CDCE62005 Datasheet HTML 33Page - Texas Instruments CDCE62005 Datasheet HTML 34Page - Texas Instruments CDCE62005 Datasheet HTML 35Page - Texas Instruments CDCE62005 Datasheet HTML 36Page - Texas Instruments CDCE62005 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
CDCE62005
www.ti.com
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
Device Registers: Register 6
Table 12. CDCE62005 Register 6 Bit Definitions
SPI
RAM
BIT NAME
RELATED
DESCRIPTION/FUNCTION
BIT
BIT
BLOCK
0
A0
Address 0
0
1
A1
Address 1
1
2
A2
Address 2
1
3
A3
Address 3
0
4
0
SELVCO
VCO Core
VCO Select, 0:VCO1(low range), 1:VCO2(high range)
EEPROM
5
1
SELPRESCA
VCO Core
EEPROM
PRESCALER Setting.
6
2
SELPRESCB
VCO Core
EEPROM
7
3
SELFBDIV0
VCO Core
EEPROM
8
4
SELFBDIV1
VCO Core
EEPROM
9
5
SELFBDIV2
VCO Core
EEPROM
10
6
SELFBDIV3
VCO Core
EEPROM
FEEDBACK DIVIDER Setting
11
7
SELFBDIV4
VCO Core
EEPROM
12
8
SELFBDIV5
VCO Core
EEPROM
13
9
SELFBDIV6
VCO Core
EEPROM
14
10
SELFBDIV7
VCO Core
EEPROM
15
11
RESERVED
—
Must be set to “0”
EEPROM
If Set to “0” Secondary Input Buffer Internal Termination Enabled
16
12
SEC_TERMSEL
Input Buffers
EEPROM
If set to “1” Secondary Internal Termination circuitry Disabled
17
13
SELBPDIV0
VCO Core
EEPROM
18
14
SELBPDIV1
VCO Core
BYPASS DIVIDER Setting ( 6 settings + Disable + Enable)
EEPROM
19
15
SELBPDIV2
VCO Core
EEPROM
20
16
ICPSEL0
VCO Core
EEPROM
21
17
ICPSEL1
VCO Core
EEPROM
CHARGE PUMP Current Select
22
18
ICPSEL2
VCO Core
EEPROM
23
19
ICPSEL3
VCO Core
EEPROM
24
20
RESERVED
VCO Core
When set to "0", outputs are synchronized to the reference input on the low-to-high
EEPROM
pulse on SYNC pin or bit. When set to "1", outputs are synchronized to the SYNC
low-to-high pulse
25
21
CPPULSEWIDTH
VCO Core
If set to 1=wide pulse, 0=narrow pulse
EEPROM
Enable VCO Calibration Command. To execute this command a rising edge must be
generated (i.e. Write a LOW followed by a high to this bit location). This will initiate a
26
22
ENCAL
VCO Core
EEPROM
VCO calibration sequence only if Calibration Mode = Manual Mode (i.e. Register 6 bit 27
is HIGH).
27
23
RESERVED
—
Must be set to “0”
EEPROM
28
24
AUXOUTEN
Output AUX
Enable Auxiliary Output when set to “1”.
EEPROM
Select the Output that will driving the AUX Output;
29
25
AUXFEEDSEL
Output AUX
EEPROM
Low for Selecting Output Divider “2” and High for Selecting Output Divider “3”
When Set to “1” External Loop filter is used.
30
26
EXLFSEL
VCO Core
EEPROM
When Set to “0” Internal Loop Filter is used.
1: Calibration Mode = Manual Mode. In this mode, a calibration will be initiated if a rising
PLL
edge is asserted on ENCAL (Register 6 Bit 22).
31
27
ENCAL_MODE
EEPROM
Calibration
0: Calibration Mode = Startup Mode.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com