Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 65 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 61Page - Texas Instruments CDCE62005 Datasheet HTML 62Page - Texas Instruments CDCE62005 Datasheet HTML 63Page - Texas Instruments CDCE62005 Datasheet HTML 64Page - Texas Instruments CDCE62005 Datasheet HTML 65Page - Texas Instruments CDCE62005 Datasheet HTML 66Page - Texas Instruments CDCE62005 Datasheet HTML 67Page - Texas Instruments CDCE62005 Datasheet HTML 68Page - Texas Instruments CDCE62005 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
1
=
´ ´
Vout
i
t
C
´
=
out
V
C
t
i
10
3.3
1.8
1.8 10
164
110
=
=
\
@
=
´
=
@
cc
H
Out
C
nF
V
V
V
V
V
n
t
s
5 pF
Locked
Unlocked
80k
110 uA
110 uA
Vcc
PFD/
CP
FromInputDivider
FromFeedbackDivider
C
PLL_LOCK
ToHost
Lock_I
CDCE62005
www.ti.com
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
Analog Lock Detect
Figure 38 shows the Analog Lock Detect circuit. Depending upon the phase relationship of the two signals
presented at the PFD/CP inputs, the lock detect circuit either charges (if the PLL is locked) or discharges (if PLL
is unlocked) the circuit shown via 100mA current sources. An external capacitor determines the sensitivity of the
lock detect circuit. The value of the capacitor determines the rate of change of the voltage presented on the
output pin PLL_LOCK and hence how quickly the PLL_LOCK output toggles based on a change of PLL locked
status. The PLL_LOCK pin is an analog output in analog lock detect mode.
(7)
Solving for t yields:
(8)
VH = 0.55 × VCC
VL = 0.35 × VCC
For Example, let:
(9)
Figure 38. CDCE62005 Analog Lock Detect
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com