Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 11Page - Texas Instruments CDCE62005 Datasheet HTML 12Page - Texas Instruments CDCE62005 Datasheet HTML 13Page - Texas Instruments CDCE62005 Datasheet HTML 14Page - Texas Instruments CDCE62005 Datasheet HTML 15Page - Texas Instruments CDCE62005 Datasheet HTML 16Page - Texas Instruments CDCE62005 Datasheet HTML 17Page - Texas Instruments CDCE62005 Datasheet HTML 18Page - Texas Instruments CDCE62005 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
LVDSDC Termination Test
Oscilloscope
100
CDCE62005
www.ti.com
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
ELECTRICAL CHARACTERISTICS OPERATING CONDITIONS (Continued)
(1) (2) (3) (4)
recommended operating conditions for the CDCE62005 device for under the specified Industrial temperature range of –40°C
to 85°C
PARAMETER
TEST CONDITIONS
MIN TYP(5)
MAX
UNIT
LVDS OUTPUT
fclk
Output frequency
Configuration Load
0
800
MHz
|VOD|
Differential output voltage
RL = 100 Ω
270
550
mV
ΔVOD
LVDS VOD magnitude change
50
mV
VOS
Offset Voltage
–40°C to 85°C
1.24
V
ΔVOS
VOS magnitude change
40
mV
Short circuit Vout+ to ground
VOUT = 0
27
mA
Short circuit Vout– to ground
VOUT = 0
27
mA
tpho
Reference (PRI_IN or SEC_IN) to output
Outputs are set to 491.52 MHz
1.65
ns
phase offset
Reference at 30.72 MHz
tpd(LH)/tpd(HL) Propagation delay from PRI_IN or SEC_IN to
Crosspoint to Crosspoint, load In Bypass
3.1
ns
outputs
Mode
All Outputs set at 200 MHz
tsk(o)
(6)
Skew, output to output For Y0 to Y4
In Bypass Mode Only
25
ps
Reference = 200 MHz
CO
Output capacitance on Y0 to Y4
VCC = 3.3 V; VO = 0 V or VCC
5
pF
IOPDH
Power down output current
VO = VCC
25
mA
IOPDL
Power down output current
VO = 0 V
5
mA
Duty cycle
45%
55%
tr / tf
Rise and fall time
20% to 80% of VOUT(PP)
110
160
190
ps
LVCMOS-TO-LVDS
tskP_c
Output skew between LVCMOS and LVDS
VCC/2 to Crosspoint
0.9
1.4
1.9
ns
outputs(7)
(1)
This is valid only for same REF_IN clock and Y output clock frequency
(2)
VINPP minimum and maximum is required to maintain ac specifications; the actual device function tolerates at a minimum VINPP of
100mV.
(3)
Lock output has a 80 k
Ω pull-down resistor.
(4)
The phase of LVCMOS is lagging in reference to the phase of LVDS.
(5)
All typical values are at VCC = 3.3 V, temperature = 25°C
(6)
The tsk(o) specification is only valid for equal loading of all outputs.
(7)
Operating the LVCMOS or LVDS output above the maximum frequency will not cause a malfunction to the device, but the output signal
swing might no longer meet the output specification
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com