Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 25 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 21Page - Texas Instruments CDCE62005 Datasheet HTML 22Page - Texas Instruments CDCE62005 Datasheet HTML 23Page - Texas Instruments CDCE62005 Datasheet HTML 24Page - Texas Instruments CDCE62005 Datasheet HTML 25Page - Texas Instruments CDCE62005 Datasheet HTML 26Page - Texas Instruments CDCE62005 Datasheet HTML 27Page - Texas Instruments CDCE62005 Datasheet HTML 28Page - Texas Instruments CDCE62005 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
CDCE62005
www.ti.com
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
The CDCE62005 on-board EEPROM has been factory preset to the default settings listed in the table below.
REGISTER
DEFAULT SETTING
REG0000
8184032
REG0001
8184030
REG0002
8186030
REG0003
EB86030
REG0004
0186031
REG0005
101C0BE
REG0006
04BE19A
REG0007
BD0037F
REG0008 (RAM)
80005DD
The Default configurations programmed in the device is set to: Primary and Secondary are set to LVPECL AC
termination and the Auxiliary input is enabled. The Smart Mux is set to auto select among Primary, Secondary
and Auxiliary. Reference is set at 25MHz and the dividers are selected to run the VCO at 1875MHz.
Output 0 & 1 are set to output 156.25MHz with LVPECL signaling
Output 2 is set to output 125MHz/ LVPECL
Output 3 is set to output 125MHz/ LVDS
Output 4 is set to output 125MHz/ LVCMOS
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com