Electronic Components Datasheet Search
  English  ▼

X  

LPC2104 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LPC2104
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2104 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LPC2104 Datasheet HTML 13Page - NXP Semiconductors LPC2104 Datasheet HTML 14Page - NXP Semiconductors LPC2104 Datasheet HTML 15Page - NXP Semiconductors LPC2104 Datasheet HTML 16Page - NXP Semiconductors LPC2104 Datasheet HTML 17Page - NXP Semiconductors LPC2104 Datasheet HTML 18Page - NXP Semiconductors LPC2104 Datasheet HTML 19Page - NXP Semiconductors LPC2104 Datasheet HTML 20Page - NXP Semiconductors LPC2104 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
17 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
• Standard modem interface signals included on UART 1.
6.10.2 UART features available in LPC2104/2105/2106/01 only
Compared to previous LPC2000 microcontrollers, UARTs in LPC2104/2105/2106/01
introduce a fractional baud rate generator for both UARTs, enabling these microcontrollers
to achieve standard baud rates such as 115200 Bd with any crystal frequency above
2 MHz. In addition, auto-CTS/RTS flow-control functions are fully implemented in
hardware.
• Fractional baud rate generator enables standard baud rates such as 115200 Bd to be
achieved with any crystal frequency above 2 MHz.
• Autobauding.
• Auto-CTS/RTS flow-control fully implemented in hardware.
6.11 I2C-bus serial I/O controller
I2C is a bidirectional bus for inter-IC control using only two wires: a serial clock line (SCL),
and a serial data line (SDA). Each device is recognized by a unique address and can
operate as either a receiver-only device (e.g. an LCD driver or a transmitter with the
capability to both receive and send information (such as memory). Transmitters and/or
receivers can operate in either master or slave mode, depending on whether the chip has
to initiate a data transfer or is only addressed. I2C is a multi-master bus, it can be
controlled by more than one bus master connected to it.
The I2C-bus implemented in LPC2104/2105/2106 supports bit rate up to 400 kbit/s (Fast
I2C-bus).
6.11.1 Features
• Standard I2C compliant bus interface.
• Easy to configure as Master, Slave or Master/Slave.
• Programmable clocks allow versatile rate control.
• Bidirectional data transfer between masters and slaves.
• Multi-master bus (no central master).
• Arbitration between simultaneously transmitting masters without corruption of serial
data on the bus.
• Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus.
• Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer.
• The I2C-bus may be used for test and diagnostic purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com