Electronic Components Datasheet Search
  English  ▼

X  

LPC2104 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC2104
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2104 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC2104 Datasheet HTML 8Page - NXP Semiconductors LPC2104 Datasheet HTML 9Page - NXP Semiconductors LPC2104 Datasheet HTML 10Page - NXP Semiconductors LPC2104 Datasheet HTML 11Page - NXP Semiconductors LPC2104 Datasheet HTML 12Page - NXP Semiconductors LPC2104 Datasheet HTML 13Page - NXP Semiconductors LPC2104 Datasheet HTML 14Page - NXP Semiconductors LPC2104 Datasheet HTML 15Page - NXP Semiconductors LPC2104 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
12 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
6.5 Interrupt controller
The Vectored Interrupt Controller (VIC) accepts all of the Interrupt Request (IRQ) inputs
and categorizes, them as FIQ, vectored IRQ, and non-vectored IRQ as defined by
programmable settings. The programmable assignment scheme means that priorities of
interrupts from the various peripherals can be dynamically assigned and adjusted.
Fast Interrupt reQuest (FIQ) has the highest priority. If more than one request is assigned
to FIQ, the VIC combines the requests to produce the FIQ signal to the ARM processor.
The fastest possible FIQ latency is achieved when only one request is classified as FIQ,
because then the FIQ service routine can simply start dealing with that device. But if more
than one request is assigned to the FIQ class, the FIQ service routine can read a word
from the VIC that identifies which FIQ source(s) is (are) requesting an interrupt.
Vectored IRQs have the middle priority. Sixteen of the interrupt requests can be assigned
to this category. Any of the interrupt requests can be assigned to any of the 16 vectored
IRQ slots, among which slot 0 has the highest priority and slot 15 has the lowest.
Non-vectored IRQs have the lowest priority.
The VIC combines the requests from all the vectored and non-vectored IRQs to produce
the IRQ signal to the ARM processor. The IRQ service routine can start by reading a
register from the VIC and jumping there. If any of the vectored IRQs are requesting, the
VIC provides the address of the highest-priority requesting IRQs service routine,
otherwise it provides the address of a default routine that is shared by all the non-vectored
IRQs. The default routine can read another VIC register to see what IRQs are active.
6.5.1 Interrupt sources
Table 4 lists the interrupt sources for each peripheral function. Each peripheral device has
one interrupt line connected to the Vectored Interrupt Controller, but may have several
internal interrupt flags. Individual interrupt flags may also represent more than one
interrupt source.
Table 4.
Interrupt sources
Block
Flag(s)
VIC channel #
WDT
Watchdog Interrupt (WDINT)
0
-
Reserved for software interrupts only
1
ARM Core
EmbeddedICE, DbgCommRx
2
ARM Core
EmbeddedICE, DbgCommTx
3
Timer 0
Match 0 to 3 (MR0, MR1, MR2, MR3)
Capture 0 to 2 (CR0, CR1, CR2)
4
Timer 1
Match 0 to 3 (MR0, MR1, MR2, MR3)
Capture 0 to 3 (CR0, CR1, CR2, CR3)
5
UART 0
Rx Line Status (RLS)
Transmit Holding Register empty (THRE)
Rx Data Available (RDA)
Character Time-out Indicator (CTI)
Auto-Baud Time-Out (ABTO)[1]
End of Auto-Baud (ABEO)[1]
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com