Electronic Components Datasheet Search
  English  ▼

X  

LPC2104 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LPC2104
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2104 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC2104 Datasheet HTML 25Page - NXP Semiconductors LPC2104 Datasheet HTML 26Page - NXP Semiconductors LPC2104 Datasheet HTML 27Page - NXP Semiconductors LPC2104 Datasheet HTML 28Page - NXP Semiconductors LPC2104 Datasheet HTML 29Page - NXP Semiconductors LPC2104 Datasheet HTML 30Page - NXP Semiconductors LPC2104 Datasheet HTML 31Page - NXP Semiconductors LPC2104 Datasheet HTML 32Page - NXP Semiconductors LPC2104 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
29 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (+25
°C), nominal supply voltages.
[2]
Internal rail.
[3]
External rail.
[4]
Including voltage on outputs in 3-state mode.
[5]
VDD(3V3) supply voltages must be present.
[6]
3-state outputs go into 3-state mode when VDD(3V3) is grounded.
[7]
Accounts for 100 mV voltage drop in all supply lines.
[8]
Allowed as long as the current limit does not exceed the maximum current allowed by the device.
[9]
Minimum condition for VI = 4.5 V, maximum condition for VI = 5.5 V.
[10] Applies to P0[31:22].
[11] SPI is enabled and SSP is disabled in the PCONP register (
see LPC2104/2105/2106 user manual).
[12] To VSS.
8.1 Power consumption measurements for LPC2104/2105/2106/01
The power consumption measurements represent typical values for the given conditions.
The peripherals were enabled through the PCONP register, but for these measurements
the peripherals were not configured to run. Power measurements with all peripherals
enabled were performed with the SPI enabled and the SSP disabled. Peripherals were
disabled through the PCONP register. Refer to the
LPC2104/2105/2106 User Manual for a
description of the PCONP register.
Oscillator pins
Vi(XTAL1)
input voltage on pin XTAL1
0
-
1.8
V
Vo(XTAL2)
output voltage on pin
XTAL2
0
-
1.8
V
Table 9.
Static characteristics …continued
Tamb =0 °C to +70 °C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Test conditions: Active mode entered executing code from on-chip flash; PCLK = CCLK
⁄4;
Tamb =25 °C; core voltage 1.8 V.
Fig 5.
Typical LPC2104/2105/2106/01 IDD(act) measured at different frequencies
frequency (MHz)
12
60
44
28
002aad709
20
40
60
IDD(act)
(mA)
0
all peripherals enabled
all peripherals disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com