Electronic Components Datasheet Search
  English  ▼

X  

LPC2104 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # LPC2104
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2104 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button LPC2104 Datasheet HTML 33Page - NXP Semiconductors LPC2104 Datasheet HTML 34Page - NXP Semiconductors LPC2104 Datasheet HTML 35Page - NXP Semiconductors LPC2104 Datasheet HTML 36Page - NXP Semiconductors LPC2104 Datasheet HTML 37Page - NXP Semiconductors LPC2104 Datasheet HTML 38Page - NXP Semiconductors LPC2104 Datasheet HTML 39Page - NXP Semiconductors LPC2104 Datasheet HTML 40Page - NXP Semiconductors LPC2104 Datasheet HTML 41Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
37 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
Fig 14. Package outline SOT619-1 (HVQFN48)
0.5
1
A1
Eh
b
UNIT
y
e
0.2
c
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
7.1
6.9
Dh
5.25
4.95
y1
7.1
6.9
5.25
4.95
e1
5.5
e2
5.5
0.30
0.18
0.05
0.00
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT619-1
MO-220
- - -
- - -
0.5
0.3
L
0.1
v
0.05
w
0
2.5
5 mm
scale
SOT619-1
HVQFN48: plastic thermal enhanced very thin quad flat package; no leads;
48 terminals; body 7 x 7 x 0.85 mm
A(1)
max.
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
13
24
48
37
36
25
12
1
X
D
E
C
B
A
e2
01-08-08
02-10-18
terminal 1
index area
terminal 1
index area
1/2
e
1/2
e
A
C
C
B
v M
w M
E(1)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
D(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com