Electronic Components Datasheet Search
  English  ▼

X  

LPC2104 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2104
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2104 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2104 Datasheet HTML 1Page - NXP Semiconductors LPC2104 Datasheet HTML 2Page - NXP Semiconductors LPC2104 Datasheet HTML 3Page - NXP Semiconductors LPC2104 Datasheet HTML 4Page - NXP Semiconductors LPC2104 Datasheet HTML 5Page - NXP Semiconductors LPC2104 Datasheet HTML 6Page - NXP Semiconductors LPC2104 Datasheet HTML 7Page - NXP Semiconductors LPC2104 Datasheet HTML 8Page - NXP Semiconductors LPC2104 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1.
General description
The UART are based on a 16/32-bit ARM7TDMI-S CPU with real-time emulation and
embedded trace support, together with 128 kB of embedded high speed flash memory. A
128-bit wide memory interface and a unique accelerator architecture enable 32-bit code
execution at maximum clock rate. For critical code size applications, the alternative 16-bit
Thumb mode reduces code by more than 30 % with minimal performance penalty.
Due to their tiny size and low power consumption, these microcontrollers are ideal for
applications where miniaturization is a key requirement, such as access control and
point-of-sale. With a wide range of serial communications interfaces and on-chip SRAM
options up to 64 kB, they are very well suited for communication gateways and protocol
converters, soft modems, voice recognition and low end imaging, providing both large
buffer size and high processing power. Various 32-bit timers, PWM channels, and 32
GPIO lines make these microcontrollers particularly suitable for industrial control and
medical systems.
Remark: Throughout the data sheet, the term LPC2104/2105/2106 will apply to devices
with and without /00 and /01 suffixes. Suffixes will be used to differentiate devices
whenever they include new features.
2.
Features
2.1 New features implemented in LPC2104/2105/2106/01 devices
I Fast GPIO port enables port pin toggling up to 3.5 times faster than the original device
and also allows for a port pin to be read at any time regardless of its function.
I UART 0/1 include fractional baud rate generator, autobauding capabilities, and
handshake flow-control fully implemented in hardware.
I Buffered SSP serial controller supporting SPI, 4-wire SSI, and Microwire formats.
I SPI programmable data length and master mode enhancement.
I Diversified Code Read Protection (CRP) enables different security levels to be
implemented.
I General purpose timers can operate as external event counters.
2.2 Key common features
I 16/32-bit ARM7TDMI-S processor.
I 16/32/64 kB on-chip static RAM.
I 128 kB on-chip flash program memory. 128-bit-wide interface/accelerator enables high
speed 60 MHz operation.
LPC2104/2105/2106
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with
16/32/64 kB RAM
Rev. 07 — 20 June 2008
Product data sheet


Similar Part No. - LPC2104

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2104 PHILIPS-LPC2104 Datasheet
155Kb / 32P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM
Rev. 04-05 February 2004
LPC2104/01 NXP-LPC2104/01 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC2104BBD48 PHILIPS-LPC2104BBD48 Datasheet
155Kb / 32P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM
Rev. 04-05 February 2004
LPC2104BBD48 NXP-LPC2104BBD48 Datasheet
200Kb / 41P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2104BBD48 PHILIPS-LPC2104BBD48 Datasheet
211Kb / 41P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash
Rev. 07-20 June 2008
More results

Similar Description - LPC2104

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2104 PHILIPS-LPC2104 Datasheet
155Kb / 32P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM
Rev. 04-05 February 2004
LPC2114 PHILIPS-LPC2114 Datasheet
161Kb / 34P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
Rev. 03-22 December 2004
LPC2114 NXP-LPC2114 Datasheet
182Kb / 40P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 06-10 December 2007
LPC2109 NXP-LPC2109_11 Datasheet
298Kb / 46P
Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 7-14 June 2011
LPC2114 NXP-LPC2114_11 Datasheet
309Kb / 42P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2106BBD48.151 NXP-LPC2106BBD48.151 Datasheet
200Kb / 41P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2106BBD48 PHILIPS-LPC2106BBD48 Datasheet
211Kb / 41P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash
Rev. 07-20 June 2008
LPC2104 PHILIPS-LPC2104_15 Datasheet
200Kb / 41P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2114 PHILIPS-LPC2114_15 Datasheet
309Kb / 42P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2131 PHILIPS-LPC2131_15 Datasheet
402Kb / 45P
Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
Rev. 5.1-29 July 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com