Electronic Components Datasheet Search
  English  ▼

X  

TAS5631 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5631
Description  300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5631 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5631 Datasheet HTML 1Page - Texas Instruments TAS5631 Datasheet HTML 2Page - Texas Instruments TAS5631 Datasheet HTML 3Page - Texas Instruments TAS5631 Datasheet HTML 4Page - Texas Instruments TAS5631 Datasheet HTML 5Page - Texas Instruments TAS5631 Datasheet HTML 6Page - Texas Instruments TAS5631 Datasheet HTML 7Page - Texas Instruments TAS5631 Datasheet HTML 8Page - Texas Instruments TAS5631 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TAS5630
PurePath
TM HD
TAS5631
TAS5518
Digital PWM
Processor
DIGITAL
AUDIO
INPUT
♪
♪
TAS5631
www.ti.com
SLES221C – JULY 2009 – REVISED APRIL 2010
300-W STEREO / 600-W MONO PurePath™ HD DIGITAL-INPUT POWER STAGE
Check for Samples: TAS5631
1
FEATURES
APPLICATIONS
•
Mini Combo System
23
•
PurePath™ HD Enabled Integrated Feedback
Provides:
•
AV Receivers
•
DVD Receivers
–
Signal Bandwidth up to 80 kHz for
High-Frequency Content From HD Sources
•
Active Speakers
–
Ultralow 0.03% THD at 1 W Into 4
Ω
DESCRIPTION
–
Flat THD at All Frequencies for Natural
Sound
The TAS5631 is a high-performance PWM input
class-D
amplifier
with
integrated
closed-loop
–
80-dB PSRR (BTL, No Input Signal)
feedback
technology
(known
as
PurePath
HD
–
>100-dB (A-weighted) SNR
technology) with the ability to drive up to 300 W (1)
–
Click- and Pop-Free Start-Up
stereo into 4-
Ω to 8-Ω speakers from a single 50-V
supply.
•
Multiple Configurations Possible on the Same
PCB With Stuffing Options:
PurePath
HD
technology
enables
traditional
–
Mono Parallel Bridge-Tied Load (PBTL)
AB-amplifier performance (<0.03% THD) levels while
providing the power efficiency of traditional class-D
–
Stereo Bridge-Tied Load (BTL)
amplifiers.
–
2.1 Single-Ended Stereo Pair and
Unlike traditional class-D amplifiers, the distortion
Bridge-Tied Load Subwoofer
curve only increases once the output levels move into
–
Quad Single-Ended Outputs
clipping. PurePath HD™
•
Total Output Power at 10% THD+N
PurePath HD technology enables lower idle losses,
–
600 W in Mono PBTL Configuration
making the device even more efficient.
–
300 W per Channel in Stereo BTL
Configuration
Note 1. Achievable output power levels are
–
145 W per Channel in Quad Single-Ended
dependent on the thermal configuration of the target
Configuration
application. A high-performance thermal interface
material between the package exposed heat slug
•
High-Efficiency Power Stage (>88%) With
and the heat sink should be used to achieve high
60-m
Ω Output MOSFETs
output-power levels.
•
Two Thermally Enhanced Package Options:
–
PHD (64-Pin QFP)
–
DKD (44-Pin PSOP3)
•
Self-Protection Design (Including
Undervoltage, Overtemperature, Clipping, and
Short-Circuit Protection) With Error Reporting
•
EMI Compliant When Used With
Recommended System Design
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PurePath HD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5631

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5631 TI1-TAS5631 Datasheet
1Mb / 36P
300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5631B TI2-TAS5631B Datasheet
2Mb / 38P
300-W STEREO / 400-W MONO PurePath™ HD DIGITAL-INPUT POWER STAGE
REVISED SEPTEMBER 2012
TAS5631BDKD TI1-TAS5631BDKD Datasheet
1Mb / 32P
300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5631BDKDR TI1-TAS5631BDKDR Datasheet
1Mb / 32P
300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
More results

Similar Description - TAS5631

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5616 TI-TAS5616 Datasheet
1Mb / 33P
160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5630 TI1-TAS5630_10 Datasheet
2Mb / 35P
300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630B TI1-TAS5630B Datasheet
2Mb / 36P
300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630BDKDR TI-TAS5630BDKDR Datasheet
2Mb / 36P
300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630BPHDR TI1-TAS5630BPHDR Datasheet
2Mb / 36P
300-W STEREO / 400-W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631 TI1-TAS5631_14 Datasheet
1Mb / 36P
300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631B TI-TAS5631B_15 Datasheet
1Mb / 35P
300-W STEREO / 400-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com