Electronic Components Datasheet Search
  English  ▼

X  

TAS5631 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5631
Description  300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5631 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5631 Datasheet HTML 5Page - Texas Instruments TAS5631 Datasheet HTML 6Page - Texas Instruments TAS5631 Datasheet HTML 7Page - Texas Instruments TAS5631 Datasheet HTML 8Page - Texas Instruments TAS5631 Datasheet HTML 9Page - Texas Instruments TAS5631 Datasheet HTML 10Page - Texas Instruments TAS5631 Datasheet HTML 11Page - Texas Instruments TAS5631 Datasheet HTML 12Page - Texas Instruments TAS5631 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
TAS5631
www.ti.com
SLES221C – JULY 2009 – REVISED APRIL 2010
AUDIO SPECIFICATION (PBTL)
Audio performance is recorded as a chipset consisting of a TAS5518 PWM processor (modulation index limited to 97.7%)
and a TAS5631 power stage. PCB and system configurations are in accordance with recommended guidelines. Audio
frequency = 1 kHz, PVDD_X = 50 V, GVDD_X = 12 V, RL = 2 Ω, fS = 384 kHz, ROC = 22 kΩ, TC = 75°C;
output filter: LDEM = 7 mH, CDEM = 1 mF, MODE = 101-00, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 2 Ω, 10%, THD+N, clipped input signal
600
RL = 3 Ω, 10%, THD+N, clipped input signal
400
RL = 4 Ω, 10%, THD+N, unclipped input signal
300
PO
Power output per channel
W
RL = 2 Ω, 1% THD+N, unclipped input signal
480
RL = 3 Ω, 1% THD+N, unclipped input signal
310
RL = 4 Ω, 1% THD+N, unclipped input signal
230
THD+N
Total harmonic distortion + noise
1 W
0.03%
Vn
Output integrated noise
A-weighted, TAS5518 modulator
170
mV
SNR
Signal-to-noise ratio(1)
A-weighted, TAS5518 modulator
103
dB
A-weighted, input level –60 dBFS using
DNR
Dynamic range
103
dB
TAS5518 modulator
Pidle
Power dissipation due to idle losses (IPVDD_X)
PO = 0, 4 channels switching
(2)
3.7
W
(1)
SNR is calculated relative to 1% THD-N output level.
(2)
Actual system idle losses are affected by core losses of output inductors.
ELECTRICAL CHARACTERISTICS
PVDD_X = 50V, GVDD_X = 12 V, VDD = 12V, TC (case temperature) = 75°C, fS = 384 kHz, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL VOLTAGE REGULATOR AND CURRENT CONSUMPTION
Voltage regulator, only used as reference
VREG
VDD = 12 V
3
3.3
3.6
V
node, VREG
VI_CM
Analog comparator reference node, VI_CM
1.5
1.75
1.9
V
Operating, 50% duty cycle
22.5
IVDD
VDD supply current
mA
Idle, reset mode
22.5
50% duty cycle
12.5
IGVDD_x
Gate-supply current per half-bridge
mA
Reset mode
1.5
50% duty cycle without output filter or
19.5
mA
load
IPVDD_x
Half-bridge idle current
Reset mode, no switching
750
mA
OUTPUT-STAGE MOSFETs
Drain-to-source resistance, low side (LS)
TJ = 25°C, excludes metallization
60
100
m
Ω
resistance,
RDS(on)
Drain-to-source resistance, high side (HS)
60
100
m
Ω
GVDD = 12 V
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5631



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com