Electronic Components Datasheet Search
  English  ▼

X  

TAS5631 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5631
Description  300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5631 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5631 Datasheet HTML 7Page - Texas Instruments TAS5631 Datasheet HTML 8Page - Texas Instruments TAS5631 Datasheet HTML 9Page - Texas Instruments TAS5631 Datasheet HTML 10Page - Texas Instruments TAS5631 Datasheet HTML 11Page - Texas Instruments TAS5631 Datasheet HTML 12Page - Texas Instruments TAS5631 Datasheet HTML 13Page - Texas Instruments TAS5631 Datasheet HTML 14Page - Texas Instruments TAS5631 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
25
50
30
35
40
45
PVDD-SupplyVoltage-V
T =75°C
THD+Nat10%
C
4 W
6 W
8 W
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20m
400
100m200m
1
2
5 10 20
50 100
P
-OutputPower-W
O
4 W
6 W
8 W
T =75°C
C
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
25
50
30
35
40
45
T =75°C
C
4 W
6 W
8 W
0
100
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
0
600
100
200
300
400
500
2ChannelOutputPower-W
650
T =25°C
THD+Nat10%
C
4 W
6 W
8 W
TAS5631
www.ti.com
SLES221C – JULY 2009 – REVISED APRIL 2010
TYPICAL CHARACTERISTICS, BTL CONFIGURATION
TOTAL HARMONIC DISTORTION + NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 1.
Figure 2.
UNCLIPPED OUTPUT POWER
SYSTEM EFFICIENCY
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
Figure 3.
Figure 4.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TAS5631



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com