Electronic Components Datasheet Search
  English  ▼

X  

TAS5631 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5631
Description  300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5631 Datasheet(HTML) 3 Page - Texas Instruments

  TAS5631 Datasheet HTML 1Page - Texas Instruments TAS5631 Datasheet HTML 2Page - Texas Instruments TAS5631 Datasheet HTML 3Page - Texas Instruments TAS5631 Datasheet HTML 4Page - Texas Instruments TAS5631 Datasheet HTML 5Page - Texas Instruments TAS5631 Datasheet HTML 6Page - Texas Instruments TAS5631 Datasheet HTML 7Page - Texas Instruments TAS5631 Datasheet HTML 8Page - Texas Instruments TAS5631 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TAS5631
www.ti.com
SLES221C – JULY 2009 – REVISED APRIL 2010
MODE SELECTION PINS
MODE PINS
OUTPUT
PWM INPUT(1)
DESCRIPTION
CONFIGURATION
M3
M2
M1
0
0
0
2N
2 × BTL
AD mode
0
0
1
—
—
Reserved
0
1
0
2N
2 × BTL
BD mode
0
1
1
1N
1 × BTL +2 × SE
AD mode
1
0
0
1N
4 × SE
AD mode
INPUT_C(2)
INPUT_D(2)
2N
1
0
1
1 × PBTL
0
0
AD mode
1N
1
0
BD mode
1
1
0
Reserved
1
1
1
(1)
The 1N and 2N naming convention is used to indicate the number of PWM lines to the power stage per channel in a specific mode.
(2)
INPUT_C and INPUT_D are used to select between a subset of AD and BD mode operations in PBTL mode.
PACKAGE HEAT DISSIPATION RATINGS
(1)
PARAMETER
TAS5631PHD
TAS5631DKD
RqJC (°C/W) – 2 BTL or 4 SE channels
2.63
14
RqJC (°C/W) – 1 BTL or 2 SE channel(s)
4.13
2.04
RqJC (°C/W) – 1 SE channel
6.45
3.45
Pad area (2)
64 mm2
80 mm2
(1)
RqJC is junction-to-case; RqCH is case-to-heatsink.
(2)
RqCH is an important consideration. Assume a 2-mil (0.051-mm) thickness of thermal grease with a thermal conductivity of 2.5 W/mK
between the pad area and the heat sink and both channels active. The RqCH with this condition is 1.1°C/W for the PHD package and
0.44°C/W for the DKD package.
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE
DESCRIPTION
0°C–70°C
TAS5631PHD
64-pin HTQFP
0°C–70°C
TAS5631DKD
44-pin PSOP3
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TAS5631



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com