Electronic Components Datasheet Search
  English  ▼

X  

MIC3263YML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC3263YML
Description  Six-Channel WLED Driver for Backlighting Applications with Flicker-Free Dimming
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3263YML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC3263YML Datasheet HTML 1Page - Micrel Semiconductor MIC3263YML Datasheet HTML 2Page - Micrel Semiconductor MIC3263YML Datasheet HTML 3Page - Micrel Semiconductor MIC3263YML Datasheet HTML 4Page - Micrel Semiconductor MIC3263YML Datasheet HTML 5Page - Micrel Semiconductor MIC3263YML Datasheet HTML 6Page - Micrel Semiconductor MIC3263YML Datasheet HTML 7Page - Micrel Semiconductor MIC3263YML Datasheet HTML 8Page - Micrel Semiconductor MIC3263YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
MIC3263
Six-Channel WLED Driver for
Backlighting Applications with
Flicker-Free Dimming
MLF is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
January 2010
M9999-012110
can be set to a
ed to 16
frequency from 400 KHz to 1.8 MHz to a
sizes. The 6V to 40V wide input voltage
allows direct operation from 6V or high
batteries commonly found in notebook compute
range of
−40°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com
General Description
The MIC3263 is a high-efficiency Pulse Width
(PWM) boost switching regulator that is op
constant-current WLED d
Modulation
timized for
lications.
river backlighting ap
The MIC3263 drives six channels of up to ten
channel. Each channel is matched in current to
for constant brightness across the screen a
programmed from 15mA to 30mA.
The MIC3263 provides a very flexible dimm
scheme with better accuracy and noise imm
dimming frequency
p
WLEDs per
within ±3%
nd can be
ing control
unity. The
ny value between
100Hz and 20kHz by an external resistor. T
ratio is determined by the duty cycle of a dim
control input signal and can be set to one of 16
he dimming
ming ratio
levels with
a minimum ratio of 1%.The LED dimming curre
an external resistor to allow programming of
between 15mA and 30mA.
The dimming ratio of the MIC3263 is fix
nt is set by
LED current
log levels
to better match the sensitivity of the human e
the dimming levels has hysteresis to avo
between levels and a
ye. Each of
id skipping
llow for high noise immun
The MIC3263 has a programmable PW
ity.
M switching
llow small inductor
range of MIC3263
cell count Li-Ion
rs.
The MIC3263 is available in a low-profile 24-pin 4mm x
4mm MLF® package and has a junction temperature
.
nge
white LEDs
from 15mA to 30mA
ith open and short LEDs
og levels sets the dimming ratio
the jitter from the dimming
control input signal and eliminates dimming flicker
control
rrent matching ±3%
ED current setting ±2%
ing frequency from 400kHz to
High efficiency up to 90%
Low (<40μA) shutdown current over temperature
rature protection
mmable over-voltage protection
°C to +125°C junction temperature range
ilable in 24-pin 4mm x 4mm MLF® package
ons
• White LED driver for backlighting
• LCD Panels and Monitors
• Multimedia players
• Navigation equipment
• Gaming systems
• Video poker
• Slot machines
_________________________________________________________________________________________________________________________
Features
• 6V to 40V wide input voltage ra
• Drives 6 channels of up to 10
• Programmable WLED current
• Highly reliable operation w
• Accurate 16 dimming l
from 1% to 100%
• Flicker-Free Dimming filters
• Allows external dimming
LED channel cu
• Accurate
• Accurate initial L
• Programmable switch
1.8MHz
•
•
• Over tempe
• Progra
• −40
• Ava
Applicati
• Notebooks


Similar Part No. - MIC3263YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201 MICREL-MIC3201 Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201YME MICREL-MIC3201YME Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201YME MICREL-MIC3201YME Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201 MICREL-MIC3201_11 Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
More results

Similar Description - MIC3263YML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61195 TI-TPS61195 Datasheet
722Kb / 27P
TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
Texas Instruments
TPS61195 TI-TPS61195_1 Datasheet
891Kb / 29P
TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
TPS61196 TI-TPS61196 Datasheet
1Mb / 30P
6-String 400-mA WLED Driver with Independent PWM Dimming for Each String
logo
Monolithic Power System...
MP4600 MPS-MP4600 Datasheet
227Kb / 8P
High-Voltage WLED Driver For Large Panel TV Backlighting
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
White LED Driver For TV Backlighting Applications
logo
Princeton Technology Co...
PT6971 PTC-PT6971 Datasheet
262Kb / 3P
LED Driver for Backlighting with Dimming
PT6973 PTC-PT6973 Datasheet
280Kb / 3P
LED Driver for Backlighting with Dimming
logo
Microchip Technology
HV96001 MICROCHIP-HV96001 Datasheet
2Mb / 45P
Secondary-Side, Micro-Interfaced, Flicker-Free LED Controller with Enhanced PWM and Analog Dimming
Revision B June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com