Electronic Components Datasheet Search
  English  ▼

X  

MIC3263YML Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC3263YML
Description  Six-Channel WLED Driver for Backlighting Applications with Flicker-Free Dimming
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3263YML Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC3263YML Datasheet HTML 12Page - Micrel Semiconductor MIC3263YML Datasheet HTML 13Page - Micrel Semiconductor MIC3263YML Datasheet HTML 14Page - Micrel Semiconductor MIC3263YML Datasheet HTML 15Page - Micrel Semiconductor MIC3263YML Datasheet HTML 16Page - Micrel Semiconductor MIC3263YML Datasheet HTML 17Page - Micrel Semiconductor MIC3263YML Datasheet HTML 18Page - Micrel Semiconductor MIC3263YML Datasheet HTML 19Page - Micrel Semiconductor MIC3263YML Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Micrel, Inc.
MIC3263
January 2010
16
M9999-012110
D
ill be
is
nnect DFS to VD
n for the input dimming pulse. This
or
un
e
a
ing
tput of a transconductance differential am
R
le
in
efore, a RC filter is required to compensa
d
, a phase lead at the DFS pin. U
stor in series with a 2.2nF ceramic capac
h
nect a capacitor and resistor to ground to co
g Ratio Control (DRC) is an input PWM
ming
h
CINT integrates the DRC input pulse. For a PWM frequency
range of around 1kHz use 100nF. For a PWM frequen
range of around 20kHz pulse, use 10nF. Fo
frequency range of around 100Hz pulse use 1μF.
ISET
Set the LED current of all six channels by this resistor. Use
2kΩ for 30mA and 3kΩ for 20mA. The RISET is inversely
proportional to ILED. Use the following equation to find
RISET:
The input frequency to the DRC pin can be 100Hz to
40kHz and the internal dimming frequency
determined by RDFS.
R w
The duty cycle of the input frequency at DRC
according to Table 2 for the actual dimming duty
For direct dimming control, co
converted
cycle.
D and use
method by
the MODE pi
passes the internal dimming control and
dimming control by the external PWM.
DFS Filter
In addition to the R
resistor-to-gro
allows f
DFS
d at th
series RC filter is required when operating
frequencies below 1kHz. The reason is that the
the ou
DFS pin, a
t dimm
DFS pin is
plifier. The
DFS is high
differential amplifier has a high-frequency pole.
At low dimming frequencies of around 1kHz
around 100kΩ and the differential amplifier po
a phase shift that can cause instabilities
control.
produces
the DFS
te for the
ing a zero
se a 4kΩ
itor. When
e filter has
mpensate
Ther
lagging phase shift created by the pole by ad
and therefore
resi
using a dimming frequency of 2 kHz or less. T
no ill effect at higher dimming frequencies.
COMP
Con
the boost stage.
DRC
Dimmin
con
dim
trol. The MIC3263 converts this to one
dimming ratios that is used to dim the LEDs. T
ratio is built on a log scale.
CINT
of sixteen
e dimming
cy
r a PWM
LED
60
R=
ISET
I
Ω
best current matching accuracy design for an ILED
current of 15mA to 30mA.
pin. This is used as the
ge. The CRV capacitor is
continually being charged or discharged in order to keep
VOUT at the right level (refer to Functional Diagram
o keep the IO’s at about
e linear-mode current
t the cathode end of the
control loop will keep this
he current amplifier is in
can regulate the LED
ent number of LEDs in a
ith the fewest LEDs will
as high as 7.5V before
as a
er of LEDs in a channel
nnels that have less
Ds biased correctly. A
en channels can occur
at monitors the IO pins
off and that channel’s IO
off channel’s IO pin will
ut voltage. On a channel
hannel’s IO voltage will
increase to keep correct voltage drops on the other series
LEDs. It is best to use equal number of LEDs in each
rences in the LEDs
ge drops so all IOs will not have the exact same
voltage. Each channel has its own monitoring circuit
any V(IO) drops below
an LED opens), that channel is turned off and the
other channels are unaffected. If any IO goes about 7.5V
short to VOUT), that channel is turned off
and the other channels are unaffected.
VSW
This is the boost-stage switch node, the collector of the
internal power switch.
EN
Connect EN high to enable the part, low to disable. Do not
leave the EN pin floating.
VIN
Supply voltage to the part (6V–40V).
For the
CRV
Use a 2.2μF capacitor at the CRV
reference voltage of the boost sta
illustration). CRV will be charged t
1.2V.
IO1─IO6
These are the connections to th
amplifier in each channel. Connec
LED channels to these pins. The
at about 1.2V. 1.2V insures that t
the linear region and therefore
current.
In cases where there are a differ
channel, the V(IO) of the channel w
have a higher V(IO). V(IO) can be
the fault monitoring circuits will sense that channel
short to VOUT.
When there are a different numb
the IO voltage will be higher in the cha
LEDs in order to keep the LE
difference of up to 7.5V betwe
because of this. If the circuits th
sees a fault, that channel will turn
pin will be at high impedance. An
be near or below the booster outp
that has a shorted LED, that c
channel but there will always be diffe
volta
monitoring the IO1─IO6 pins. If
0.5V (if
(if several LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com