Electronic Components Datasheet Search
  English  ▼

X  

MIC3263YML Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MIC3263YML
Description  Six-Channel WLED Driver for Backlighting Applications with Flicker-Free Dimming
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3263YML Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MIC3263YML Datasheet HTML 14Page - Micrel Semiconductor MIC3263YML Datasheet HTML 15Page - Micrel Semiconductor MIC3263YML Datasheet HTML 16Page - Micrel Semiconductor MIC3263YML Datasheet HTML 17Page - Micrel Semiconductor MIC3263YML Datasheet HTML 18Page - Micrel Semiconductor MIC3263YML Datasheet HTML 19Page - Micrel Semiconductor MIC3263YML Datasheet HTML 20Page - Micrel Semiconductor MIC3263YML Datasheet HTML 21Page - Micrel Semiconductor MIC3263YML Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Micrel, Inc.
MIC3263
January 2010
18
M9999-012110
M dimming
erefore the
ode. Ch2 is
m of all six ILED channels. Figure 9 shows the boost
converter is OFF (not switching) between PWM dimming
pulses.
Figure 9 shows the waveforms during PW
pulses. The DRC duty cycle is 75% and th
dimming ratio (DR) is 37%. Ch1 is the switch n
the su
)
D and use
ethod will
allows fo
Figure 9. PWM Dimming Pulses
(Ch1 Switch Node; Ch2 is the I
Tota
LED
l
Direct Dimming
For direct dimming control connect DFS to VD
the MODE pin for the dimming pulse. This m
bypass the internal dimming control and
r
dimming control by the external PWM Dimming ulse (see
Figure 9).
p
Figure 10. Direct Dimm
Boost Stage
A current-mode control is easi
voltage mode control, thus allow
ing Control
er to compensate than
ing for a less complex
control loop stability design. An error amplifier amplifies
the difference between the feedback voltage and the
voltage on the CRV capacitor. This amplified error signal is
called the VCONTROL. A PWM comparator compares the
output of the error amp (VCONTROL) to the sum of inductor
current and slope compensation currents. When the
current sums reach VCONTROL, the PWM pulse is terminated
and the boost power switch is turned off. A portion of the
energy stored in the inductor flows into the output
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com