Electronic Components Datasheet Search
  English  ▼

X  

MIC3263YML Datasheet(PDF) 29 Page - Micrel Semiconductor

Part # MIC3263YML
Description  Six-Channel WLED Driver for Backlighting Applications with Flicker-Free Dimming
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3263YML Datasheet(HTML) 29 Page - Micrel Semiconductor

Back Button MIC3263YML Datasheet HTML 24Page - Micrel Semiconductor MIC3263YML Datasheet HTML 25Page - Micrel Semiconductor MIC3263YML Datasheet HTML 26Page - Micrel Semiconductor MIC3263YML Datasheet HTML 27Page - Micrel Semiconductor MIC3263YML Datasheet HTML 28Page - Micrel Semiconductor MIC3263YML Datasheet HTML 29Page - Micrel Semiconductor MIC3263YML Datasheet HTML 30Page - Micrel Semiconductor MIC3263YML Datasheet HTML 31Page - Micrel Semiconductor MIC3263YML Datasheet HTML 32Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Micrel, Inc.
MIC3263
January 2010
29
M9999-012110
B
f Mat
Number
Ma
turer
Description
Qty.
ill o
erials
Item
Part
nufac
C1
OPEN
0603ZC222KAT
AVX
(1)
2A
C1608X7R1H222K
TDK
(2)
C2, C6
222K
muRata
(3)
, 10V, X7R, 0603
2
GRM188R71H
2200pF
C5750X7R1H106M
TDK
(2)
C3, C8
6KAZ2A
AVX
(1)
10μF, 50V, X7R, 2220
2
22205C10
GRM21BR71A106KE51L
muRata
(3)
C4
6KAT2
(1)
10μF, 10V, 0805
1
0805ZD10
A
AVX
0603YC104KAT2A
AVX
(1)
C1608X7R1C104K
TDK
(2)
C5
71C1
0.1μF, 16V, X7R, 0603
1
GRM188R
04K
muRata
(3)
0603ZD225KAT2A
AVX
(1)
GRM188R61A225
ta
(3)
KE34D
muRa
C7
C1608X5R1A2
K
(2)
2.2μF, 10V, X5R, 0603
1
25K
TD
SK34A
MCC
(4)
D1
B349LA-13
nc.
hottky 3A, 40V (SMA)
1
Diode, I
(5)
Sc
L1
23
aft
(6)
22μH, 2.6A
1
DO3316P-2 ML
Coilcr
R1
0K
i
ale
(7)
150k
2
CRCW060315
FKEA
V shay D
R2
K0
i
ale
(7)
10k
1
CRCW060310
FKEA
V shay D
R3
110KK
i
1
CRCW0603
FKEA
V shay Dale
(7)
110k (RSLP)
R4
CRCW060315K0FKEA
Vishay Dale
(7)
15.0k, 0603 (RCOMP)
1
R6
CRCW060340K2FKEA
Vishay Dale
(7)
4.02k
R5
CRCW0603200KFKEA
Vishay Dale
(7)
200k
1
R7
CRCW0603100KFKEA.
Vishay Dale
(7)
100k
1
R8
CRCW060326K7FKEA
Vishay Dale
(7)
97.6k
1
R9
CRCW06032K00FKEA.
Vishay Dale
(7)
2k
1
U1
MIC3263YML
Micrel, Inc.
(8)
Six-Channel WLED Driver for Backlighting Applications
1
Notes:
1. AVX: www.avx.com.
2. TDK: www.tdk.com.
3. Murata Tel: www.murata.com.
4. MCC: www.mccsemi.com.
5. Diode, Inc.: www.diodes.com.
6. Coilcraft: www.coilcraft.com.
7. Vishay: www.vishay.com.
8. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com