Electronic Components Datasheet Search
  English  ▼

X  

MIC3263YML Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MIC3263YML
Description  Six-Channel WLED Driver for Backlighting Applications with Flicker-Free Dimming
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3263YML Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MIC3263YML Datasheet HTML 18Page - Micrel Semiconductor MIC3263YML Datasheet HTML 19Page - Micrel Semiconductor MIC3263YML Datasheet HTML 20Page - Micrel Semiconductor MIC3263YML Datasheet HTML 21Page - Micrel Semiconductor MIC3263YML Datasheet HTML 22Page - Micrel Semiconductor MIC3263YML Datasheet HTML 23Page - Micrel Semiconductor MIC3263YML Datasheet HTML 24Page - Micrel Semiconductor MIC3263YML Datasheet HTML 25Page - Micrel Semiconductor MIC3263YML Datasheet HTML 26Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Micrel, Inc.
MIC3263
January 2010
22
M9999-012110
-200
1.E+02
1.E+03
-150
-100
-50
0
50
100
1.E+04
1.E+05
1.E+06
Freq
Gain
Phase
26db
-40
-20
0
20
40
60
80
100
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Freq
Gain
Phase
Fco=1.6kHz
This example illustrates the RHPZ at 162kHz.
details the
−90° phase shift due to the RHPZ.
in (GVC)
The goal is to make the loop transfer function T(fCO)
crossover well before the RHPZ.
Chose a
Figure 16
Figure 16. Control-to-Output Ga
RHPZ
co
f
f=
10
or less; chose
From the plot and or calculation, the magnitude of:---
co
f= 16kHz
.
G
(16kHz) = 26db
vc
⎛⎞
⎜⎟
⎝⎠
1.8V
H(s) = 20Log
= -24db
29V
From:
T(s) = G
(s) * G
(s) * H(s)
ea
vc
T(16kHz) = G
(16kHz) + 26db - 24db = 0
ea
→
G
(16kHz) = -2db
0.8v/v
ea
e error amplifier’s zero at
nF. The location of the
RO affects the phase boost in the loop transfer function.
If fZERO were closer to 16kHz the phase boost would be
less and vise versa.
Figure 17. Error Amp Gain and Phase (in Example 1)
Figure 18. Loop Gain and Phase (in Example 1)
Therefore R4 = 15kΩ. Next set th
about 5kHz. Therefore C2 = 2.2
fZE
-100
() ≅
0.8 = g
Z IIR
g * R
mo
m
44
-80
-60
-40
-20
0
20
40
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Freq
Midband Gain
Fzero
Gain
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com