Electronic Components Datasheet Search
  English  ▼

X  

DRM101 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # DRM101
Description  Blood Pressure Monitor Using the Flexis QE128 Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DRM101 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button DRM101 Datasheet HTML 24Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 25Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 26Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 27Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 28Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 29Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 30Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 31Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Hardware Description
Blood Pressure Monitor Design Reference Manual, Rev. 0
3-6
Freescale Semiconductor
Figure 3-2. Bottom Layer
3.10.1
Mechanical Characteristics
3.10.1.1
Conductor Width and Clearances
The PCB is a rectangle with a size of 6.45 inches by 4 inches with a thickness of 0.064 inch.
The trace widths and clearances for power lines and signal lines are in this table:
Lines that carry more current, such as the collector lines for the Darlington transistors, have a width of 15
mm. When line widths were determined, current values and copper thickness were taken into account.
Standard drill sizes were used for guaranteed manufacturability and ease of production.
3.10.1.2
Trace Angles
One source of RFI is an abrupt change of direction in a PCB track, which effectively looks like impedance
discontinuities and will radiate accordingly. For HCMOS designs it is important to ensure that 90-degree
track-direction changes do not occur. Also, from the mechanical point of view, a 90-degree angle is more
likely to be detached from the board.
Class
Width
Clearance
Regular signals
10
10
Power
20
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com