Electronic Components Datasheet Search
  English  ▼

X  

DRM101 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # DRM101
Description  Blood Pressure Monitor Using the Flexis QE128 Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DRM101 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button DRM101 Datasheet HTML 11Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 12Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 13Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 14Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 15Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 16Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 17Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 18Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
Introduction
Blood Pressure Monitor Design Reference Manual, Rev. 0
Freescale Semiconductor
2-9
2.4
Using the Blood Pressure Monitor
When a user plugs in the blood pressure monitor, a splash screen with the Freescale logo will appear. The
logo will scroll in from the right, and after it reaches the center scroll down and leave the OLED display.
While this is happening, the pressure sensor stabilizes and auto-calibrates itself according to the
atmospheric pressure. After the splash screen has exited, a home screen will appear. Here the user is able
to navigate and use the blood pressure monitor demo.
2.5
Navigation
The home screen contains an icon of a heart with the word “Start” under it, and an icon of a folder, with a
hammer and screwdriver, that has the word “Options” under it. Whichever item is selected will have a
larger size than the other, and the words under the image will appear inside a yellow box, resembling a
highlight. This highlighting is used on all screens to indicate a selected item.
Figure 2-2. Home Screen with Start Selected
Movement within the options can be done by pressing the buttons on the board. The left and right buttons
switch between the Start and Options items, and the center button acts as an enter button.
If the user selects the start option, the device will begin taking a blood pressure measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com