Electronic Components Datasheet Search
  English  ▼

X  

DRM101 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # DRM101
Description  Blood Pressure Monitor Using the Flexis QE128 Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DRM101 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button DRM101 Datasheet HTML 31Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 32Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 33Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 34Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 35Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 36Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 37Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 38Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
Embedded Software Description
Blood Pressure Monitor Design Reference Manual, Rev. 0
Freescale Semiconductor
4-5
To generate the audio, the system uses files stored in the MRAM. These are raw audio files using an 8-bit
sample size with an 8 kHz sampling rate. This sampling rate provides audio with about the same quality
as a telephone. It is important to note that this process can be done at a much higher sampling rate that will
generate full audio. The only change required is for the system to have enough memory to be able to store
the larger audio files.
4.4.7
ZigBee Communication
ZigBee communication on the blood pressure monitor is done through an SPI interface to the MC13202
and six separate I/O ports, including the IRQ pin. The IRQ pin signals when the transceiver has
information that it needs to send to the MCU. The transmission of measured data through ZigBee is done
within the OLED state machine whenever the system is displaying measured data. The state machine will
check to see if ZigBee communication is enabled — if so, it will then place the systolic pressure in the
ZigBee transmission buffer, send that buffer through the SPI to the transceiver, then ask the transceiver to
transmit the buffer. This procedure is then repeated for the diastolic pressure and pulse rate that were taken
at the same time. Due to the fact that all ZigBee communications are initiated by the blood pressure
monitor, whenever the system is not sending messages the transceiver is disabled, as well as all peripherals
related to the transceiver for the MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com