Electronic Components Datasheet Search
  English  ▼

X  

DRM101 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # DRM101
Description  Blood Pressure Monitor Using the Flexis QE128 Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DRM101 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button DRM101 Datasheet HTML 27Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 28Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 29Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 30Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 31Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 32Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 33Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 34Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
Blood Pressure Monitor Design Reference Manual, Rev. 0
Freescale Semiconductor
4-1
Chapter 4
Embedded Software Description
Here is a description of all the software modules in the blood pressure monitor demo.
4.1
Introduction
The purpose of the blood pressure monitor is to indicate the pulse pressure (the systolic pressure minus the
diastolic pressure) of a patient. This is implemented through the use of a cuff wrapped around the patient’s
arm, and measuring the pressure and pressure differential of that cuff while air is put into or out of the
system. Moreover, the blood pressure monitor must be able to perform many other functions, such as:
•
Display information
•
Provide audio feedback
•
Keep statistical records
•
Using USB or ZigBee communications, send statistical feedback to a PC for further analysis
4.2
Software Design Goals
The software design pursues these goals:
•
Modularity — The software must be completely modular and with as little cohesion as possible.
This modularity should be reflected in ease if making changes, if adding new functionalities and
modules, or if modifying existing ones.
•
Interoperability — Modules must not have any blocking functions. This makes it possible to allow
other modules to be kept up-to-date.
4.3
Software Architecture
The software architecture on the blood pressure monitor was designed in this way: application software
can be found on the main.c file; from here, the main() routine can call different services and hardware
features. Services will have direct contact with hardware on the MCU. The hardware has a hardware
abstraction layer that eases migration to another MCU. The real time clock (RTC) can be seen as a complex
driver which can service other functions, and is used as the system clock. All modules that depend on
time-triggered functions take their time base from the RTC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com