Electronic Components Datasheet Search
  English  ▼

X  

DRM101 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # DRM101
Description  Blood Pressure Monitor Using the Flexis QE128 Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DRM101 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button DRM101 Datasheet HTML 14Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 15Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 16Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 17Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 18Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 19Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 20Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 21Page - Freescale Semiconductor, Inc DRM101 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Introduction
Blood Pressure Monitor Design Reference Manual, Rev. 0
2-12
Freescale Semiconductor
Figure 2-6. Save Option Off
The second option clears all data stored on the MRAM.
The third option enables users to load and view the historical data that has been taken by the blood pressure
monitor in the same format as when a measurement was taken.
By selecting this option and pressing the center button, the user will see the past systolic pressures that
have been taken.
Here the user can press the up and down buttons to change between the systolic pressure, diastolic
pressure, and heart rate. To leave this mode, the user must press the center button to return to the Options
menu.
Connectivity: in this menu, users can adjust the ability of the blood pressure monitor to send data using
either the USB connection on the board, and/or the wireless ZigBee chip on the board. Users can see which
communication modes are enabled by seeing the icon on the left of the screen, the same as with the audio
icon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com