Electronic Components Datasheet Search
  English  ▼

X  

P89LPC985 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # P89LPC985
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB wide-voltage byte-erasable flash with 10-bit ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC985 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button P89LPC985 Datasheet HTML 61Page - NXP Semiconductors P89LPC985 Datasheet HTML 62Page - NXP Semiconductors P89LPC985 Datasheet HTML 63Page - NXP Semiconductors P89LPC985 Datasheet HTML 64Page - NXP Semiconductors P89LPC985 Datasheet HTML 65Page - NXP Semiconductors P89LPC985 Datasheet HTML 66Page - NXP Semiconductors P89LPC985 Datasheet HTML 67Page - NXP Semiconductors P89LPC985 Datasheet HTML 68Page - NXP Semiconductors P89LPC985 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 85 page
background image
P89LPC980_982_983_985_2
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 — 8 February 2010
65 of 85
NXP Semiconductors
P89LPC980/982/983/985
8-bit microcontroller with accelerated two-clock 80C51 core
10. Static characteristics
Table 13.
Static characteristics
VDD = 2.4 V to 5.5 V unless otherwise specified.
Tamb = −40 °Cto+85 °C for industrial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
IDD(oper)
operating supply
current
VDD = 2.4 V
fosc = 12 MHz, high speed mode of
regulators
[2] -6
7
mA
fosc = 12 MHz, low current mode of
regulators
[2] -5
6
mA
VDD = 3.3 V
fosc = 12 MHz, high speed mode of
regulators
[2] -9
10
mA
fosc = 12 MHz, low current mode of
regulators
[2] -7
8
mA
VDD = 5.5 V
fosc = 12 MHz, high speed mode of
regulators
[2] -10
11
mA
fosc = 12 MHz, low current mode of
regulators
[2] -8
9
mA
fosc = 18 MHz, high speed mode of
regulators
[2] -1112
mA
IDD(idle)
Idle mode supply
current
VDD = 2.4 V
fosc = 12 MHz, high speed mode of
regulators
[2] -3.5
4.5
mA
fosc = 12 MHz, low current mode of
regulators
[2] -3
4
mA
VDD = 3.3 V
fosc = 12 MHz, high speed mode of
regulators
[2] -5
6
mA
fosc = 12 MHz, low current mode of
regulators
[2] -4
5
mA
VDD = 5.5 V
fosc = 12 MHz, high speed mode of
regulators
[2] -6
7
mA
fosc = 12 MHz, low current mode of
regulators
[2] -4
5
mA
fosc = 18 MHz, high speed mode of
regulators
[2] -6.5
7.5
mA
IDD(pd)
Power-down mode
supply current
VDD = 2.4 V; voltage comparators
powered down
[3] -28
35
μA
VDD = 3.3 V; voltage comparators
powered down
[3] -32
40
μA
VDD = 5.5 V; voltage comparators
powered down
[3] -38
45
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com