Electronic Components Datasheet Search
  English  ▼

X  

P89LPC985 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # P89LPC985
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB wide-voltage byte-erasable flash with 10-bit ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC985 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button P89LPC985 Datasheet HTML 68Page - NXP Semiconductors P89LPC985 Datasheet HTML 69Page - NXP Semiconductors P89LPC985 Datasheet HTML 70Page - NXP Semiconductors P89LPC985 Datasheet HTML 71Page - NXP Semiconductors P89LPC985 Datasheet HTML 72Page - NXP Semiconductors P89LPC985 Datasheet HTML 73Page - NXP Semiconductors P89LPC985 Datasheet HTML 74Page - NXP Semiconductors P89LPC985 Datasheet HTML 75Page - NXP Semiconductors P89LPC985 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 85 page
background image
P89LPC980_982_983_985_2
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 — 8 February 2010
72 of 85
NXP Semiconductors
P89LPC980/982/983/985
8-bit microcontroller with accelerated two-clock 80C51 core
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Parts are tested to 2 MHz, but are guaranteed to operate down to 0 Hz.
tSPILEAD
SPI enable lead time
see Figure 26, 27
slave
250
-
250
-
ns
tSPILAG
SPI enable lag time
see Figure 26, 27
slave
250
-
250
-
ns
tSPICLKH
SPICLK HIGH time
see Figure 24, 25, 26, 27
slave
3
⁄
CCLK
-
167
-
ns
master
2
⁄
CCLK
-111
-
ns
tSPICLKL
SPICLK LOW time
see Figure 24, 25, 26, 27
slave
3
⁄
CCLK
-
167
-
ns
master
2
⁄
CCLK
-111
-
ns
tSPIDSU
SPI data set-up time
see Figure 24, 25, 26, 27
master or slave
100
-
100
-
ns
tSPIDH
SPI data hold time
see Figure 24, 25, 26, 27
master or slave
100
-
100
-
ns
tSPIA
SPI access time
see Figure 26, 27
slave
0
80
0
80
ns
tSPIDIS
SPI disable time
see Figure 26, 27
slave
0
160
-
160
ns
tSPIDV
SPI enable to output
data valid time
see Figure 24, 25, 26, 27
slave
-
160
-
160
ns
master
-
111
-
111
ns
tSPIOH
SPI output data hold
time
see Figure 24, 25, 26, 27
0-
0
-
ns
tSPIR
SPI rise time
see Figure 24, 25, 26, 27
SPI outputs (SPICLK,
MOSI, MISO)
-
100
-
100
ns
SPI inputs (SPICLK,
MOSI, MISO, SS)
-
2000
-
2000
ns
tSPIF
SPI fall time
see Figure 24, 25, 26, 27
SPI outputs (SPICLK,
MOSI, MISO)
-
100
-
100
ns
SPI inputs (SPICLK,
MOSI, MISO, SS)
-
2000
-
2000
ns
Table 15.
Dynamic characteristics (18 MHz) …continued
VDD = 3.6 V to 5.5 V unless otherwise specified.
Tamb = −40 °Cto+85 °C for industrial applications, unless otherwise specified.[1][2]
Symbol
Parameter
Conditions
Variable clock
fosc =18MHz
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com