Electronic Components Datasheet Search
  English  ▼

X  

PCA9505 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA9505
Description  40-bit I2C-bus I/O port with RESET, OE and INT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9505 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA9505 Datasheet HTML 13Page - NXP Semiconductors PCA9505 Datasheet HTML 14Page - NXP Semiconductors PCA9505 Datasheet HTML 15Page - NXP Semiconductors PCA9505 Datasheet HTML 16Page - NXP Semiconductors PCA9505 Datasheet HTML 17Page - NXP Semiconductors PCA9505 Datasheet HTML 18Page - NXP Semiconductors PCA9505 Datasheet HTML 19Page - NXP Semiconductors PCA9505 Datasheet HTML 20Page - NXP Semiconductors PCA9505 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
The programming becomes effective at the acknowledge.
Less than 5 bytes can be programmed by using this scheme. D5, D4, D3, D2, D1, D0 refers to the first register to be programmed.
If more than 5 bytes are written, previous data are overwritten (the sixth Configuration register will roll over to the first addressed Configuration register, the sixth
Polarity Inversion register will roll over to the first addressed Polarity Inversion register and the sixth Mask Interrupt register will roll over to the first addressed Mask
Interrupt register).
Fig 13. Write to the I/O Configuration, Polarity Inversion or Mask Interrupt registers
002aab498
0
1
0
0 A2 A1 A0 0
slave address
R/W
S
START condition
SDA
A
acknowledge
from slave
1
0 D5 D4 D3 D2 D1 D0
command register
AI = 1
A
acknowledge
from slave
DATA BANK 0
A
DATA BANK 1
A
DATA BANK 2
A
DATA BANK 3
P
STOP
condition
A
acknowledge
from slave
DATA BANK 4
A
acknowledge
from slave
acknowledge
from slave
D[5:0] = 01 0000 for Polarity Inversion register programming bank 0
D[5:0] = 01 1000 for Configuration register programming bank 0
acknowledge
from slave
acknowledge
from slave
D[5:0] = 10 0000 for Mask Interrupt register programming bank 0
If AI = 0, the same register is read during the whole sequence.
If AI = 1, the register value is incremented after each read. When the last register bank is read, it rolls over to the first byte of the category (see category definition in
Section 7.2 “Command register”).
The INT signal is released only when the last register containing an input that changed has been read. For example, when IO2_4 and IO4_7 change at the same time
and an Input Port register’s read sequence is initiated, starting with IP0, INT is released after IP4 is read (and not after IP2 is read).
Fig 14. Read from Input Port, Output Port, I/O Configuration, Polarity Inversion or Mask Interrupt registers
002aab499
0
1
0
0
0
slave address
R/W
S
START condition
SDA
A
acknowledge
from slave
1
0 D5 D4 D3 D2 D1 D0
command register
AI = 1
A
acknowledge from slave
A
P
STOP
condition
A
acknowledge from master
D[5:0] = 00 1000 for Output Port register bank 0
D[5:0] = 01 0000 for Polarity Inversion register bank 0
Sr
repeated START condition
0
1
0
0
1
slave address
R/W
A
acknowledge from slave
D[5:0] = 01 1000 for Configuration register bank 0
(cont.)
At this moment master-transmitter becomes master-receiver,
and slave-receiver becomes slave-transmitter.
DATA
data from register
first byte
register determined by D[5:0]
A
acknowledge from master
DATA
data from register
second byte
DATA
data from register
last byte
no acknowledge from master
D[5:0] = 00 0000 for Input Port register bank 0
D[5:0] = 10 0000 for Mask Interrupt register bank 0
A2 A1 A0
A2 A1 A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com