Electronic Components Datasheet Search
  English  ▼

X  

PCA9505 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCA9505
Description  40-bit I2C-bus I/O port with RESET, OE and INT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9505 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCA9505 Datasheet HTML 23Page - NXP Semiconductors PCA9505 Datasheet HTML 24Page - NXP Semiconductors PCA9505 Datasheet HTML 25Page - NXP Semiconductors PCA9505 Datasheet HTML 26Page - NXP Semiconductors PCA9505 Datasheet HTML 27Page - NXP Semiconductors PCA9505 Datasheet HTML 28Page - NXP Semiconductors PCA9505 Datasheet HTML 29Page - NXP Semiconductors PCA9505 Datasheet HTML 30Page - NXP Semiconductors PCA9505 Datasheet HTML 31Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
PCA9505_9506_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 6 June 2007
29 of 31
NXP Semiconductors
PCA9505/06
40-bit I2C-bus I/O port with RESET, OE and INT
18. Revision history
Table 15.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCA9505_9506_3
20070606
Product data sheet
-
PCA9506_2
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Added device PCA9505
• Section 1 “General description”:
– 1st paragraph: added last 2 sentences
– 6th paragraph re-written
• Section 2 “Features”:
– added (new) 4th bullet item
– moved (old) 1st sub-bullet below “Inputs:” to 4th sub-bullet below “Outputs:”
– last bullet item re-written to indicate which package offered for each type number
• Table 1 “Ordering information”: added Type number PCA9505DGG
• Figure 2 “Simplified schematic of IO0_0 to IO4_7”: added pull-up resistor for PCA9505
• Table 10 “Static characteristics”, sub-section “Supply”:
– symbol IDD: added separate specifications for PCA9505
– changed symbol from “Istb, standby current” to “IstbH, HIGH-level standby current”
– added symbol “IstbL, LOW-level standby current” (applies to PCA9505 only)
• Table 10 “Static characteristics”, sub-section “I/Os”:
– symbol ILIL: added separate specifications for PCA9505
PCA9506_2
20060509
Product data sheet
-
PCA9506_1
PCA9506_1
(9397 750 14939)
20060214
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com