Electronic Components Datasheet Search
  English  ▼

X  

PCA9505 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9505
Description  40-bit I2C-bus I/O port with RESET, OE and INT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9505 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9505 Datasheet HTML 5Page - NXP Semiconductors PCA9505 Datasheet HTML 6Page - NXP Semiconductors PCA9505 Datasheet HTML 7Page - NXP Semiconductors PCA9505 Datasheet HTML 8Page - NXP Semiconductors PCA9505 Datasheet HTML 9Page - NXP Semiconductors PCA9505 Datasheet HTML 10Page - NXP Semiconductors PCA9505 Datasheet HTML 11Page - NXP Semiconductors PCA9505 Datasheet HTML 12Page - NXP Semiconductors PCA9505 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
PCA9505_9506_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 6 June 2007
9 of 31
NXP Semiconductors
PCA9505/06
40-bit I2C-bus I/O port with RESET, OE and INT
7.3 Register definitions
Table 3.
Register summary
Register #
(hex)
D5
D4
D3
D2
D1
D0
Symbol
Access
Description
Input Port registers
00
000000IP0
read only
Input Port register bank 0
01
000001IP1
read only
Input Port register bank 1
02
000010IP2
read only
Input Port register bank 2
03
000011IP3
read only
Input Port register bank 3
04
000100IP4
read only
Input Port register bank 4
05
000101-
-
reserved for future use
06
000110-
-
reserved for future use
07
000111-
-
reserved for future use
Output Port registers
08
001000OP0
read/write
Output Port register bank 0
09
001001OP1
read/write
Output Port register bank 1
0A
001010OP2
read/write
Output Port register bank 2
0B
001011OP3
read/write
Output Port register bank 3
0C
001100OP4
read/write
Output Port register bank 4
0D
001101-
-
reserved for future use
0E
001110-
-
reserved for future use
0F
001111-
-
reserved for future use
Polarity Inversion registers
10
010000PI0
read/write
Polarity Inversion register bank 0
11
010001PI1
read/write
Polarity Inversion register bank 1
12
010010PI2
read/write
Polarity Inversion register bank 2
13
010011PI3
read/write
Polarity Inversion register bank 3
14
010100PI4
read/write
Polarity Inversion register bank 4
15
010101-
-
reserved for future use
16
010110-
-
reserved for future use
17
010111-
-
reserved for future use
I/O Configuration registers
18
011000
IOC0
read/write
I/O Configuration register bank 0
19
011001
IOC1
read/write
I/O Configuration register bank 1
1A
011010
IOC2
read/write
I/O Configuration register bank 2
1B
011011
IOC3
read/write
I/O Configuration register bank 3
1C
011100
IOC4
read/write
I/O Configuration register bank 4
1D
011101-
-
reserved for future use
1E
011110-
-
reserved for future use
1F
011111-
-
reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com