| Electronic Components Datasheet Search |
|
PCA9505 Datasheet(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9505 Datasheet(HTML) 16 Page - NXP Semiconductors |
|
16 / 31 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx OE is LOW to observe a change in the outputs. If more than 5 bytes are written, previous data are overwritten. Fig 11. Write to the 5 output ports 002aab496 0 1 0 0 A2 A1 A0 0 slave address R/W S START condition SDA A acknowledge from slave 10001000 command register AI = 1 A acknowledge from slave DATA BANK 0 A acknowledge from slave DATA BANK 1 A acknowledge from slave DATA BANK 2 A acknowledge from slave DATA BANK 3 P STOP condition A acknowledge from slave output bank register bank 0 is selected DATA BANK 4 A acknowledge from slave write to port data out from port tv(Q) data valid bank 0 data valid bank 1 data valid bank 2 data valid bank 3 data valid bank 4 OE is LOW to observe a change in the outputs. Two, three, or four adjacent banks can be programmed by using the Auto-Increment feature (AI = 1) and change at the corresponding output port becomes effective at each acknowledge. Fig 12. Write to a specific output port 002aab497 0 1 0 0 A2 A1 A0 0 slave address R/W S START condition SDA A acknowledge from slave AI 0001 D2 D1 D0 A acknowledge from slave DATA BANK X A acknowledge from slave P STOP condition A write to port data out from port tv(Q) data X valid |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |