| Electronic Components Datasheet Search |
|
PCF8566 Datasheet(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8566 Datasheet(HTML) 34 Page - NXP Semiconductors |
|
34 / 48 page ![]() PCF8566_7 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 07 — 25 February 2009 34 of 48 NXP Semiconductors PCF8566 Universal LCD driver for low multiplex rates The SYNC line is provided to maintain the correct synchronization between all cascaded PCF8566s. This synchronization is guaranteed after the power-on reset. The only time that SYNC is likely to be needed is if synchronization is accidentally lost (e.g. by noise in adverse electrical environments or by defining a multiplex mode when PCF8566s with differing SA0 levels are cascaded). SYNC is organized as an input/output pin; the output selection being realized as an open-drain driver with an internal pull-up resistor. A PCF8566 asserts the SYNC line at the onset of its last active backplane signal and monitors the SYNC line at all other times. If synchronization in the cascade is lost, it is restored by the first PCF8566 to assert SYNC. The timing relationship between the backplane waveforms and the SYNC signal for the various drive modes of the PCF8566 are shown in Figure 27. Fig 26. Cascaded PCF8566 configuration HOST MICRO- PROCESSOR/ MICRO- CONTROLLER SDA SCL CLK OSC SYNC 1 17 to 40 13 to 16 13 to 16 2 3 4 6 78 512 910 11 7 8 9 10 11 24 segment drives 4 backplanes 24 segment drives LCD PANEL (up to 1536 elements) PCF8566 PCF8566 A0 A1 A2 SA0 mgg384 SDA SCL SYNC CLK OSC 1 512 2 3 4 6 17 to 40 BP0 to BP3 (open-circuit) A0 A1 A2 SA0 BP0 to BP3 VDD VLCD VSS VDD VLCD VSS VLCD VDD VSS R ≤ trise 2 Cbus |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |