Electronic Components Datasheet Search
  English  ▼

X  

PCF8566 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCF8566
Description  Universal LCD driver for low multiplex rates
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8566 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCF8566 Datasheet HTML 38Page - NXP Semiconductors PCF8566 Datasheet HTML 39Page - NXP Semiconductors PCF8566 Datasheet HTML 40Page - NXP Semiconductors PCF8566 Datasheet HTML 41Page - NXP Semiconductors PCF8566 Datasheet HTML 42Page - NXP Semiconductors PCF8566 Datasheet HTML 43Page - NXP Semiconductors PCF8566 Datasheet HTML 44Page - NXP Semiconductors PCF8566 Datasheet HTML 45Page - NXP Semiconductors PCF8566 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
PCF8566_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 25 February 2009
42 of 48
NXP Semiconductors
PCF8566
Universal LCD driver for low multiplex rates
Fig 33. Tray details
Fig 34. Tray alignment
Table 24.
Tray dimensions
Symbol
Description
Value
A
pocket pitch; x direction
4.43 mm
B
pocket pitch; y direction
4.43 mm
C
pocket width; x direction
3.04 mm
D
pocket width; y direction
3.04 mm
001aai237
G
H
F
E
A
C
D
B
001aaj619



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com