Electronic Components Datasheet Search
  English  ▼

X  

PCF8566 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF8566
Description  Universal LCD driver for low multiplex rates
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8566 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF8566 Datasheet HTML 34Page - NXP Semiconductors PCF8566 Datasheet HTML 35Page - NXP Semiconductors PCF8566 Datasheet HTML 36Page - NXP Semiconductors PCF8566 Datasheet HTML 37Page - NXP Semiconductors PCF8566 Datasheet HTML 38Page - NXP Semiconductors PCF8566 Datasheet HTML 39Page - NXP Semiconductors PCF8566 Datasheet HTML 40Page - NXP Semiconductors PCF8566 Datasheet HTML 41Page - NXP Semiconductors PCF8566 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
PCF8566_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 25 February 2009
38 of 48
NXP Semiconductors
PCF8566
Universal LCD driver for low multiplex rates
Fig 30. Package outline SOT158-1 (VSO40)
UNIT
A1
A2
A3
bp
cD(1)
E(2)
Z (1)
eHE
LLp
Qy
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
0.3
0.1
2.45
2.25
0.25
0.42
0.30
0.22
0.14
15.6
15.2
7.6
7.5
0.762
2.25
12.3
11.8
1.15
1.05
0.6
0.3
7
0
o
o
0.1
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Notes
1. Plastic or metal protrusions of 0.4 mm (0.016 inch) maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
1.7
1.5
SOT158-1
95-01-24
03-02-19
X
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
y
40
20
21
1
pin 1 index
0.012
0.004
0.096
0.089
0.017
0.012
0.0087
0.0055
0.61
0.60
0.30
0.29
0.03
0.089
0.48
0.46
0.045
0.041
0.024
0.012
0.004
0.2
0.008
0.004
0.067
0.059
0.01
0
5
10 mm
scale
VSO40: plastic very small outline package; 40 leads
SOT158-1
A
max.
2.7
0.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com